Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89110A Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-89110A
Description  MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89110A Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-89110A Datasheet HTML 1Page - Seiko Instruments Inc S-89110A Datasheet HTML 2Page - Seiko Instruments Inc S-89110A Datasheet HTML 3Page - Seiko Instruments Inc S-89110A Datasheet HTML 4Page - Seiko Instruments Inc S-89110A Datasheet HTML 5Page - Seiko Instruments Inc S-89110A Datasheet HTML 6Page - Seiko Instruments Inc S-89110A Datasheet HTML 7Page - Seiko Instruments Inc S-89110A Datasheet HTML 8Page - Seiko Instruments Inc S-89110A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MINI ANALOG SERIES
CMOS OPERATIONAL AMPLIFIER
Rev.2.2_00
S-89110A/89120A
Seiko Instruments Inc.
5
2. VDD = 3.0 V
Table 7
DC Characteristics (VDD = 3.0 V)
(Ta
= 25°C unless otherwise specified)
Parameter
Symbol
Measurement Conditions
Min.
Typ.
Max.
Unit
Measurement
Circuit
S-89110A
50
120
μA
Current consumption
IDD
S-89120A
10
30
μA
Figure 10
Input offset voltage
VIO
−4
±3
+4
mV
Figure 6
Input offset current
IIO
1
pA
Input bias current
IBIAS
1
pA
Common-mode input
voltage range
VCMR
0
2.3
V
Figure 7
Voltage gain
(open loop)
GV
70
80
dB
Maximum output
VOH
RL = 1.0 MΩ
2.9
V
Figure 8
swing voltage
VOL
RL = 1.0 MΩ
0.1
V
Figure 9
Common-mode input
signal rejection ratio
CMRR
60
70
dB
Figure 7
Power supply voltage
rejection ratio
PSRR
60
70
dB
Figure 6
ISOURCE
S-89110A
120
Source current
ISOURCE
S-89120A
VOH = 0 V
25
μA
Figure 11
Sink current
ISINK
VOL = VDD
15
mA
Figure 12
Table 8
AC Characteristics (VDD = 3.0 V)
(Ta
= 25°C unless otherwise specified)
Parameter
Symbol
Measurement Conditions
Min.
Typ.
Max.
Unit
S-89110A
0.07
Slew rate
SR
S-89120A
RL = 1.0 MΩ, CL = 15 pF
(Refer to Figure 13.)
0.015
V/
μs
S-89110A
175
Gain-bandwidth
product
GBP
S-89120A
35
kHz


Similar Part No. - S-89110A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89110AMC-1A1-TFU SII-S-89110AMC-1A1-TFU Datasheet
1Mb / 34P
   MINI ANALOG SERIES
S-89110AMC-1A1-TFU SII-S-89110AMC-1A1-TFU Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89110ANC-1A1-TFZ SII-S-89110ANC-1A1-TFZ Datasheet
1Mb / 34P
   MINI ANALOG SERIES
S-89110ANC-1A1-TFz SII-S-89110ANC-1A1-TFz Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - S-89110A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S89110 SII-S89110 Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89130 SII-S89130 Datasheet
1Mb / 26P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89713B SII-S-89713B Datasheet
952Kb / 23P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S89713 SII-S89713 Datasheet
1Mb / 24P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S89430 SII-S89430 Datasheet
1Mb / 33P
   MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89430A SII-S-89430A Datasheet
472Kb / 23P
   MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com