Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8232NSFT-T2-G Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8232NSFT-T2-G
Description  BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8232NSFT-T2-G Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8232NSFT-T2-G Datasheet HTML 2Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 3Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 4Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 5Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 6Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 7Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 8Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 9Page - Seiko Instruments Inc S-8232NSFT-T2-G Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S-8232 Series
Rev.5.4_00
Seiko Instruments Inc.
6
Absolute Maximum Ratings
Table 4
(Ta
= 25 °C unless otherwise specified)
Item
Symbol
Applied Pin
Absolute Maximum Ratings
Unit
Input voltage between VCC and VSS
VDS
VCC
VSS
− 0.3 to VSS + 18
V
SENS input pin voltage
VSENS
SENS
VSS
− 0.3 to VCC + 0.3
V
ICT input pin voltage
VICT
ICT
VSS
− 0.3 to VCC + 0.3
V
VM input pin voltage
VVM
VM
VCC
− 18 to VCC + 0.3
V
DO output pin voltage
VDO
DO
VSS
− 0.3 to VCC + 0.3
V
CO output pin voltage
VCO
CO
VVM
− 0.3 to VCC + 0.3
V
300 (When not mounted on board)
mW
Power dissipation
PD
700
*1
mW
Operating ambient temperature
Topr
− 40 to + 85
°C
Storage temperature
Tstg
− 40 to + 125
°C
*1.
When mounted on board
[Mounted board]
(1) Board size : 114.3 mm
× 76.2 mm × t1.6 mm
(2) Name :
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
700
400
0
Ambient Temperature (Ta) [
°C]
200
600
500
300
100
800
Figure 3 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-8232NSFT-T2-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-823 ETC-S-823 Datasheet
7Mb / 18P
   toggle switch
logo
ABLIC Inc.
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
Seiko Instruments Inc
S-8230AAD-I6T1U SII-S-8230AAD-I6T1U Datasheet
2Mb / 37P
   BATTERY PROTECTION IC
logo
ABLIC Inc.
S-8230AAD-I6T1U ABLIC-S-8230AAD-I6T1U Datasheet
593Kb / 37P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
Seiko Instruments Inc
S-8230AAE-I6T1U SII-S-8230AAE-I6T1U Datasheet
2Mb / 37P
   BATTERY PROTECTION IC
More results

Similar Description - S-8232NSFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8242B SII-S-8242B Datasheet
395Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8252 SII-S8252 Datasheet
554Kb / 35P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8262A SII-S8262A Datasheet
436Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8252 ABLIC-S-8252 Datasheet
614Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
S-8262A ABLIC-S-8262A Datasheet
566Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.0_03
S-82B2A ABLIC-S-82B2A Datasheet
825Kb / 54P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
S-82A2A ABLIC-S-82A2A Datasheet
838Kb / 55P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
logo
Seiko Instruments Inc
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com