Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-817B18AUA-CWHT2G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-817B18AUA-CWHT2G
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B18AUA-CWHT2G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-817B18AUA-CWHT2G Datasheet HTML 4Page - Seiko Instruments Inc S-817B18AUA-CWHT2G Datasheet HTML 5Page - Seiko Instruments Inc S-817B18AUA-CWHT2G Datasheet HTML 6Page - Seiko Instruments Inc S-817B18AUA-CWHT2G Datasheet HTML 7Page - Seiko Instruments Inc S-817B18AUA-CWHT2G Datasheet HTML 8Page - Seiko Instruments Inc S-817B18AUA-CWHT2G Datasheet HTML 9Page - Seiko Instruments Inc S-817B18AUA-CWHT2G Datasheet HTML 10Page - Seiko Instruments Inc S-817B18AUA-CWHT2G Datasheet HTML 11Page - Seiko Instruments Inc S-817B18AUA-CWHT2G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 Series
Rev.4.2_00
Seiko Instruments Inc.
8
Table 7
Pin No.
Symbol
Description
1
VSS
GND pin
2
VIN
Input voltage pin
3
VOUT
Output voltage pin
TO-92
Bottom view
1
3
2
Figure 7
Absolute Maximum Ratings
Table 8
(Ta
=25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Units
Input voltage
VIN
VSS
−0.3 to VSS+12
V
Output voltage
VOUT
VSS
−0.3 to VIN+0.3
V
SNT-4A
300
*1
mW
150 (When not mounted on board)
mW
SC-82AB
400
*1
mW
250 (When not mounted on board)
mW
SOT-23-5
600
*1
mW
500 (When not mounted on board)
mW
SOT-89-3
1000
*1
mW
400 (When not mounted on board)
mW
Power
dissipation
TO-92
PD
800
*1
mW
Operating temperature range
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size : 114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
1200
800
0
Ambient temperature (Ta) [
°C]
SOT-89-3
400
SNT-4A
1000
200
600
TO-92
SOT-23-5
SC-82AB
Figure 8 Power dissipation of The package (When mounted on board)


Similar Part No. - S-817B18AUA-CWHT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-817B18AUA-CWHT2X ABLIC-S-817B18AUA-CWHT2X Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
More results

Similar Description - S-817B18AUA-CWHT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
RICOH electronics devic...
RQ5RW RICOH-RQ5RW Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
ELM Technology Corporat...
ELM75-SERIES ELM-TECH-ELM75-SERIES Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM7522NAB-S ELM-TECH-ELM7522NAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
logo
ELM Electronics
ELM75 ELM-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
ELM Technology Corporat...
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com