Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETC5064 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ETC5064
Description  POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5064 Datasheet(HTML) 4 Page - STMicroelectronics

  ETC5064 Datasheet HTML 1Page - STMicroelectronics ETC5064 Datasheet HTML 2Page - STMicroelectronics ETC5064 Datasheet HTML 3Page - STMicroelectronics ETC5064 Datasheet HTML 4Page - STMicroelectronics ETC5064 Datasheet HTML 5Page - STMicroelectronics ETC5064 Datasheet HTML 6Page - STMicroelectronics ETC5064 Datasheet HTML 7Page - STMicroelectronics ETC5064 Datasheet HTML 8Page - STMicroelectronics ETC5064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
FUNCTIONAL DESCRIPTION
POWER-UP
When power is first applied, power-on reset circuitry
initializes the device and places it into the power-
down mode. All non-essential circuits are deacti-
vated and the DX and VFRO outputs are put in high
impedancestates. To power-up the device, a logical
low level or clock must be applied to the
MCLKR/PDN pin and FSX and/or FSR pulses must
be present. Thus 2 power-down control modes are
available. The first is to pull the MCLKR/PDN pin
high; the alternative is to hold both FSX and FSR in-
puts continuously low. The device will power-down
approximately 2 ms after the last FSX pulse. The
TRI-STATE PCM data output, DX, will remain in the
high impedance state until the second FSX pulse.
SYNCHRONOUS OPERATION
For synchronous operation, the same master clock
and bit clock should be used for both the transmit
and receive directions. In this mode, a clock must be
applied to MCLKX and the MCLKR/PDN pin can be
used as a power-down control. A low level on
MCLKR/PDN powers up the device and a high level
powers down the device. In either case, MCLKX will
be selected as the master clock for both the transmit
and receive circuits. A bit clock must also be applied
to BCLKX and the BCLR/CLKSEL can be used to se-
lect the proper internal divider for a master clock of
1.536 MHz, 1.544 MHz or 2.048 MHz. For 1.544
MHz operation, the device automatically compen-
sates for the 193 rd clock pulse each frame.
With a fixed level on the BCLKR/CKSEL pin, BCLKX
will be selected as the bit clock for both the transmit
and receive directions. Table 1 indicates the fre-
quencies of operation which can be selected, de-
pending on the state of BCLKR/CLKSEL. In this syn-
chronous mode, the bit clock, BCLKX, may be from
64 kHz to 2.048 MHz, but must be synchronouswith
MCLKX.
Each FSX pulse begins the encoding cycle and the
PCM data from the previous encode cycle is shift out
of the enabled DX output on the positive edge of
BCLKX. After 8 bit clock periods, the TRISTATE DX
output is returned to a high impedance state. With an
FSR pulse, PCM data is latched via the DR input on
the negativeedge of BCLKX (or on BCKLR if running).
FSX and FSR must be synchronous with MCLKX/R.
ASYNCHRONOUS OPERATION
For asynchronous operation, separate transmit and
receive clocks may be applied. MCLKX and MCLKR
must be 2.048 MHz for the ETC5067 or 1.536 MHz,
1.544 MHz for the ETC5064, and need not be syn-
chronous. For best transmission performance, how-
ever, MCLKR should be synchronouswith MCLKX,
which is easily achieved by applyingonly static logic
levels to the MCLKR/PDN pin. This will automatically
connectMCLKX toall internal MCLKR functions(see
pin description). For 1.544 MHz operation, the de-
vice automatically compensates for the 193rd clock
pulse each frame. FSX starts each encoding cycle
and must be synchronous with MCLKX and BCLKX.
FSR starts each decoding cycle and must be syn-
chronous with BCLKR.BCLKR must be a clock, the
logic levels shown in Table 1 are not valid in asyn-
chronous mode. BCLKX and BCLKR may operate
from 64kHz to 2.048 MHz.
SHORT FRAME SYNC OPERATION
The device can utilize either a short frame sync
pulse or a long frame sync pulse.Upon power initiali-
zation, the device assumes a short frame mode. In
this mode, both frame sync pulses. FSX and FSR,
must be one bit clock period long, with timing rela-
tionships specified in figure 2. With FSX high during
a falling edge of BCLKR, the next rising edge of
BCLKX enables the DX TRI-STATE output buffer,
which will output the sign bit. The following seven ris-
ing edges clock out the remaining seven bits, and
the next falling edge disables the DX output. With
FSR high during a falling edge of BCLKR (BCLKX in
synchronous mode), the next falling edge of BCLKR
latches in the sign bit. The following seven falling
edges latch in the seven remaining bits. Both de-
vices may utilize the short frame sync pulse in syn-
chronous or asynchronous operating mode.
LONG FRAME SYNC OPERATION
To use the long frame mode, both the frame sync
pulses, FSX and FSR, must be three or more bit clock
periods long, with timing relationships specified in
figure 3. Based on the transmit frame sync FSX,the
device will sense whether short or long frame sync
Table 1: Selection of Master Clock Frequencies.
BCLKR/CLKSEL
Master Clock
Frequency Selected
ETC5067
ETC5067-X
ETC5064
ETC5064-X
Clocked
2.048MHz
1.536MHz or
1.544MHz
0
1.536MHz or
1.544MHz
2.048MHz
1 (or open circuit)
2.048MHz
1.536MHz or
1.544MHz
ETC5064 - ETC5064-X - ETC5067 - ETC5067-X
4/18


Similar Part No. - ETC5064

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ETC5064D STMICROELECTRONICS-ETC5064D Datasheet
1Mb / 18P
   SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
ETC5064D-X STMICROELECTRONICS-ETC5064D-X Datasheet
1Mb / 18P
   SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
ETC5064N STMICROELECTRONICS-ETC5064N Datasheet
1Mb / 18P
   SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
ETC5064N-X STMICROELECTRONICS-ETC5064N-X Datasheet
1Mb / 18P
   SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
ETC5064 STMICROELECTRONICS-ETC5064_03 Datasheet
1Mb / 18P
   SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
More results

Similar Description - ETC5064

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ETC5064 STMICROELECTRONICS-ETC5064_03 Datasheet
1Mb / 18P
   SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
logo
Texas Instruments
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
[Old version datasheet]   Enhanced Serial Interface CMOS CODEC/Filter COMBO
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Dallas Semiconductor
DS2187 DALLAS-DS2187 Datasheet
129Kb / 10P
   Receive Line Interface
logo
Maxim Integrated Produc...
DS2187 MAXIM-DS2187 Datasheet
685Kb / 10P
   Receive Line Interface
062101
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com