Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1132B24-I6T2G Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-1132B24-I6T2G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1132B24-I6T2G Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-1132B24-I6T2G Datasheet HTML 3Page - Seiko Instruments Inc S-1132B24-I6T2G Datasheet HTML 4Page - Seiko Instruments Inc S-1132B24-I6T2G Datasheet HTML 5Page - Seiko Instruments Inc S-1132B24-I6T2G Datasheet HTML 6Page - Seiko Instruments Inc S-1132B24-I6T2G Datasheet HTML 7Page - Seiko Instruments Inc S-1132B24-I6T2G Datasheet HTML 8Page - Seiko Instruments Inc S-1132B24-I6T2G Datasheet HTML 9Page - Seiko Instruments Inc S-1132B24-I6T2G Datasheet HTML 10Page - Seiko Instruments Inc S-1132B24-I6T2G Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.2_00
S-1132 Series
Seiko Instruments Inc.
7
Electrical Characteristics
Table 6
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN
= VOUT(S) + 1.0 V, IOUT = 100 mA
VOUT(S)
× 0.99
VOUT(S) VOUT(S)
× 1.01
V
1
Output current
*2
IOUT
VIN
≥ VOUT(S) + 1.0 V
300
*5
mA
3
Dropout voltage
*3
Vdrop
IOUT
= 100 mA
1.5 V
≤ VOUT(S) ≤ 1.9 V
0.50
0.54
0.58
V
1
2.0 V
≤ VOUT(S) ≤ 2.4 V
0.15
0.23
V
1
2.5 V
≤ VOUT(S) ≤ 2.9 V
0.14
0.21
V
1
3.0 V
≤ VOUT(S) ≤ 3.2 V
0.13
0.19
V
1
3.3 V
≤ VOUT(S) ≤ 5.5 V
0.10
0.15
V
1
Line regulation
OUT
IN
OUT1
V
V
V
VOUT(S)
+ 0.5 V ≤ VIN ≤ 6.5 V,
IOUT
= 100 mA
0.01
0.2
% / V
1
Load regulation
∆VOUT2
VIN
= VOUT(S) + 1.0 V,
1.0 mA
≤ IOUT ≤ 100 mA
15
40
mV
1
Output voltage
temperature coefficient
*4
OUT
OUT
V
Ta
V
VIN
= VOUT(S) + 1.0 V, IOUT = 30 mA,
−40°C ≤ Ta ≤ 85°C
±100
ppm/
°C
1
Current consumption
during operation
ISS1
VIN
= VOUT(S) + 1.0 V, ON/OFF pin = ON,
no load
20
40
µA
2
Current consumption
during shutdown
ISS2
VIN
= VOUT(S) + 1.0 V, ON/OFF pin = OFF,
no load
0.01
1.0
µA
2
Input voltage
VIN
2.0
6.5
V
Shutdown pin
input voltage “H”
VSH
VIN
= VOUT(S) + 1.0 V, RL = 1.0 kΩ
1.5
V
4
Shutdown pin
input voltage “L”
VSL
VIN
= VOUT(S) + 1.0 V, RL = 1.0 kΩ
0.25
V
4
Shutdown pin
input current “H”
ISH
VIN
= 6.5 V, VON/OFF = 6.5 V
−0.1
0.1
µA
4
Shutdown pin
input current “L”
ISL
VIN
= 6.5 V, VON/OFF = 0 V
−0.1
0.1
µA
4
Ripple rejection
RR
VIN
= VOUT(S) + 1.0 V,
f
= 1.0 kHz,
1.5 V
≤ VOUT(S) ≤ 3.0 V
70
dB
5
∆Vrip = 0.5 Vrms,
IOUT
= 50 mA
3.1 V
≤ VOUT(S) ≤ 5.5 V
65
dB
5
Short-circuit current
Ishort
VIN
= VOUT(S) + 1.0 V, ON/OFF pin = ON,
VOUT
= 0 V
250
mA
3


Similar Part No. - S-1132B24-I6T2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1132B24-I6T2U ABLIC-S-1132B24-I6T2U Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
More results

Similar Description - S-1132B24-I6T2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com