Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1000C38-M5T1G Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S-1000C38-M5T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1000C38-M5T1G Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S-1000C38-M5T1G Datasheet HTML 10Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 11Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 12Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 13Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 14Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 15Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 16Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 17Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 Series
Rev.2.3_00
14
Seiko Instruments Inc.
Hysteresis width (VHYS)
A
B
VDD
VSS
Minimum operating voltage
Output from the OUT pin
VDD
VSS
(1)
(2) (3)
(5)
(4)
Release voltage (
+VDET)
Detection voltage (
−VDET)
Figure 15 Operation 2
2. Other characteristics
2. 1 Temperature characteristics of detection voltage
The shaded area in Figure 16 shows the temperature characteristics of the detection voltage.
−40
25
+0.945 mV/°C
−VDET [V]
85
Ta [
°C]
−0.945 mV/°C
−VDET25
*1
*1.
−VDET25 is an actual detection voltage value at 25°C.
Figure 16 Temperature characteristics of detection voltage (
Example for
−VDET = 2.7 V)
2. 2 Temperature characteristics of release voltage
The temperature change
Ta
VDET
+
of the release voltage is calculated by the temperature change
Ta
VDET
of the
detection voltage as follows:
Ta
V
V
V
Ta
V
DET
DET
DET
DET
×
+
=
+
The temperature changes of the release voltage and the detection voltage have the same sign consequently.


Similar Part No. - S-1000C38-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000C38-M5T1X ABLIC-S-1000C38-M5T1X Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
More results

Similar Description - S-1000C38-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com