Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1000C38-M5T1G Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-1000C38-M5T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1000C38-M5T1G Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-1000C38-M5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1000C38-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.2.3_00
S-1000 Series
Seiko Instruments Inc.
3
Product Name Structure
The detection voltage, output form and packages for S-1000 series can be selected at the user's request. Refer to the "1.
Product name" for the construction of the product name and "2. Product name list" for the full product names.
1. Product name
S-1000 x xx - xxxx G
Package name (abbreviation) and packing specifications
*1
N4T1: SC-82AB, tape
M5T1: SOT-23-5, tape
I4T1: SNT-4A, tape
Detection voltage value
15 ~ 46
(e.g. When the detection voltage is 1.5 V, it is expressed as 15.)
Output form
N: Nch open-drain output (Active “L”)
C: CMOS output (Active “L”)
*1.
Refer to the taping specifications at the end of this book.


Similar Part No. - S-1000C38-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000C38-M5T1X ABLIC-S-1000C38-M5T1X Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
More results

Similar Description - S-1000C38-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com