Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1172B42-E6T1G Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-1172B42-E6T1G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1172B42-E6T1G Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-1172B42-E6T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1172B42-E6T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1172B42-E6T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1172B42-E6T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1172B42-E6T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1172B42-E6T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1172B42-E6T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1172B42-E6T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1172B42-E6T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.1.1_00
S-1172 Series
Seiko Instruments Inc.
3
Product Name Structure
Users can select the product type, output voltage, and package type for the S-1172 Series. Refer to “1. Product
Name” regarding the contents of product name, “2. Product Name List” regarding details of product name.
1. Product Name
S-1172 x xx - xxxx G
Package name (abbreviation) and packing specifications
*1
U5T1 : SOT-89-5, Tape
E6T1 : HSOP-6, Tape
Value of output voltage
*2
10 to 50
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Product type
*3
A : ON/OFF pin negative logic
B : ON/OFF pin positive logic
*1. Refer to the taping specifications.
*2. If you request the product which has 0.05 step, contact our sales office.
*3. Refer to “3. Shutdown pin (ON/OFF pin)” in “ Operation”.


Similar Part No. - S-1172B42-E6T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1172B42-E6T1X ABLIC-S-1172B42-E6T1X Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
More results

Similar Description - S-1172B42-E6T1G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-13A1 SII-S-13A1 Datasheet
3Mb / 74P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1172 ABLIC-S-1172 Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com