Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-35192A Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-35192A
Description  3-WIRE REAL-TIME CLOCK
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35192A Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-35192A Datasheet HTML 4Page - Seiko Instruments Inc S-35192A Datasheet HTML 5Page - Seiko Instruments Inc S-35192A Datasheet HTML 6Page - Seiko Instruments Inc S-35192A Datasheet HTML 7Page - Seiko Instruments Inc S-35192A Datasheet HTML 8Page - Seiko Instruments Inc S-35192A Datasheet HTML 9Page - Seiko Instruments Inc S-35192A Datasheet HTML 10Page - Seiko Instruments Inc S-35192A Datasheet HTML 11Page - Seiko Instruments Inc S-35192A Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
3-WIRE REAL-TIME CLOCK
S-35192A
Rev.1.2_00
Seiko Instruments Inc.
8
SIO
tDS
tCSH
tDS
SCK
tDH
tCSS
tDH
CS
Figure 8 Timing Diagram 1 during 3-wire Communication
Input data
80%
20%
tF
tR
tISU
tIHO
tR, tF
20%
20%
80%
80%
80%
20%
SCK
Figure 9 Timing Diagram 2 during 3-wire Communication
Output data
80%
20%
50%
50%
50%
tSCK
tSCK
tACC
20%
80%
20%
SCK
Figure 10 Timing Diagram 3 during 3-wire Communication


Similar Part No. - S-35192A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35192A-I8T1U SII-S-35192A-I8T1U Datasheet
2Mb / 42P
   3-WIRE REAL-TIME CLOCK
More results

Similar Description - S-35192A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
   3-WIRE REAL-TIME CLOCK
S35192A SII-S35192A Datasheet
2Mb / 42P
   3-WIRE REAL-TIME CLOCK
S-35190A SII-S-35190A Datasheet
783Kb / 53P
   3-WIRE REAL-TIME CLOCK
logo
Holtek Semiconductor In...
HT1382_1105 HOLTEK-HT1382_1105 Datasheet
306Kb / 29P
   I2C/3-Wire Real Time Clock
HT1382 HOLTEK-HT1382 Datasheet
299Kb / 29P
   I2C/3-Wire Real Time Clock
HT1382 HOLTEK-HT1382_14 Datasheet
1Mb / 23P
   I2C/3-Wire Real Time Clock
logo
Pericom Semiconductor C...
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302 PERICOM-PT7C4302_15 Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
logo
Seiko Instruments Inc
S-35390A SII-S-35390A Datasheet
701Kb / 54P
   2-WIRE REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com