Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8551AA-M5T1G Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-8551AA-M5T1G
Description  STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECIFICATION, PWM CONTROL SWITCHING REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8551AA-M5T1G Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-8551AA-M5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-8551AA-M5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-8551AA-M5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-8551AA-M5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-8551AA-M5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-8551AA-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-8551AA-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8551AA-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8551AA-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.2.1_01
S-8550/8551 Series
Seiko Instruments Inc.
3
Product Name Structure
Product name
S-855
x
A
A
- M5T1
G
Package name (abbreviation) and packing specification
*1
M5T1 : SOT-23-5
, tape
Oscillation frequency
A : 1.2 MHz
Pin configuration setting
*2
0 : Pin configuration 1
1 : Pin configuration 2
*1. Refer to the taping specifications at the end of this book.
*2. Refer to Table 1 and Table 2 of “
Pin Configurations”.


Similar Part No. - S-8551AA-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8550 ABLIC-S-8550 Datasheet
622Kb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_02
logo
Seiko Instruments Inc
S-8550AA-I8T1U SII-S-8550AA-I8T1U Datasheet
1Mb / 31P
   RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550AA-I8T1U SII-S-8550AA-I8T1U Datasheet
1Mb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550AA-M5T1G SII-S-8550AA-M5T1G Datasheet
1Mb / 31P
   RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
S-8550AA-M5T1G SII-S-8550AA-M5T1G Datasheet
1Mb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
More results

Similar Description - S-8551AA-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8550 ABLIC-S-8550 Datasheet
622Kb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.5.0_02
logo
Seiko Instruments Inc
S8550 SII-S8550 Datasheet
1Mb / 31P
   STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Rohm
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90104GWZ ROHM-BU90104GWZ Datasheet
672Kb / 17P
   1.0A, Step-down Switching regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com