Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8821 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8821
Description  VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8821 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8821 Datasheet HTML 5Page - Seiko Instruments Inc S-8821 Datasheet HTML 6Page - Seiko Instruments Inc S-8821 Datasheet HTML 7Page - Seiko Instruments Inc S-8821 Datasheet HTML 8Page - Seiko Instruments Inc S-8821 Datasheet HTML 9Page - Seiko Instruments Inc S-8821 Datasheet HTML 10Page - Seiko Instruments Inc S-8821 Datasheet HTML 11Page - Seiko Instruments Inc S-8821 Datasheet HTML 12Page - Seiko Instruments Inc S-8821 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
Rev.3.1_00
S-8821 Series
Seiko Instruments Inc.
9
2. Step-up Charge Pump
The step-up charge pump steps up the voltage by switching ON/OFF of the SW1 to SW4 switching
transistors.
First, in order to charge the pump capacitance (CPUMP), set SW1 to OFF, SW2 to ON, SW3 to OFF, and
SW4 to ON (charge cycle). Following charging the electricity, in order to discharge the charged
electricity to the output capacitance (COUT), SW1 set the switches as to ON, SW2 to OFF, SW3 to ON,
and SW4 to OFF (discharge cycle).
The input voltage can be stepped up to a constant voltage value by repeating this charge cycle and
discharge cycle.
Figure 7 shows the charge cycle, and Figure 8 shows the discharge cycle.
VIN
SW 1: OFF
SW 3: OFF
SW 4: ON
SW 2: ON
COUT
10
μF
CPUMP
0.10
μF
Current flow
Figure 7
VIN
SW 1: ON
SW 3: ON
SW 4: OFF
SW 2: OFF
COUT
10
μF
CPUMP
0.10
μF
Current flow
Figure 8


Similar Part No. - S-8821

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
   VOLTAGE REGULATION
S-882125AMH-M2ATFz SII-S-882125AMH-M2ATFz Datasheet
1Mb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-882125AMH-M2ATFZ ABLIC-S-882125AMH-M2ATFZ Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125APH-M2ATFU SII-S-882125APH-M2ATFU Datasheet
1Mb / 24P
   VOLTAGE REGULATION
More results

Similar Description - S-8821

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8821 SII-S8821 Datasheet
1Mb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Linear Technology
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Linear Technology
LTC3240-3.3 LINER-LTC3240-3.3_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com