Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8821 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-8821
Description  VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8821 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-8821 Datasheet HTML 1Page - Seiko Instruments Inc S-8821 Datasheet HTML 2Page - Seiko Instruments Inc S-8821 Datasheet HTML 3Page - Seiko Instruments Inc S-8821 Datasheet HTML 4Page - Seiko Instruments Inc S-8821 Datasheet HTML 5Page - Seiko Instruments Inc S-8821 Datasheet HTML 6Page - Seiko Instruments Inc S-8821 Datasheet HTML 7Page - Seiko Instruments Inc S-8821 Datasheet HTML 8Page - Seiko Instruments Inc S-8821 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
Rev.3.1_00
S-8821 Series
Seiko Instruments Inc.
3
Product Name Structure
• The output voltage and packages for the S-8821 Series can be selected at the user’s request. Refer to
the “Product name” for the meanings of the characters in the product name and “Product name list” for
the full product names.
1. Product name
S-8821
xx
A
MH
– xxx
TF
G
IC direction in tape specifications
*1
Product name (abbreviation)
*2
Package name (abbreviation)
MH: SOT-23-6W
Output voltage
25 to 55
(E.g., when the output voltage is 2.5 V, it is
expressed as 25.)
*1. Refer to the taping specifications at the end of this book.
*2. Refer to the product name list.
2. Product name list
Table 1
Output Voltage
SOT-23-6W
2.5 V
S-882125AMH-M2ATFG
3.0 V
S-882130AMH-M2FTFG
3.3 V
S-882133AMH-M2ITFG
3.5 V
S-882135AMH-M2KTFG
3.6 V
S-882136AMH-M2LTFG
4.0 V
S-882140AMH-M2PTFG
4.5 V
S-882145AMH-M2UTFG
5.0 V
S-882150AMH-M2ZTFG
5.2 V
S-882152AMH-M3BTFG
5.5 V
S-882155AMH-M3ETFG
Remark
Contact the SII sales department for products with an output voltage other than those
specified above.


Similar Part No. - S-8821

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
   VOLTAGE REGULATION
S-882125AMH-M2ATFz SII-S-882125AMH-M2ATFz Datasheet
1Mb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-882125AMH-M2ATFZ ABLIC-S-882125AMH-M2ATFZ Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125APH-M2ATFU SII-S-882125APH-M2ATFU Datasheet
1Mb / 24P
   VOLTAGE REGULATION
More results

Similar Description - S-8821

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8821 SII-S8821 Datasheet
1Mb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Linear Technology
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Linear Technology
LTC3240-3.3 LINER-LTC3240-3.3_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com