Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS932S825 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS932S825
Description  Low Power Clock Chip for Serverworks HT2400 Servers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S825 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS932S825 Datasheet HTML 1Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 2Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 3Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 4Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 5Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 6Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 7Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 8Page - Integrated Circuit Systems ICS932S825 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
ICS932S825
1276D—10/25/07
General Description
The ICS932S825 is a main clock synthesizer chip that all clocks required by Serverworks HT2400-based servers.
An SMBus interface allows full control of the device.
Block Diagram
PCICLK(1:0)
CONTROL
LOGIC
XTAL
OSC.
CPUK8G(6:0)
FIXED PLL
48MHz(1:0)
REF (2:1), REF 0_RUN
X1
X2
PCI33
DIV
CPU
DIV
SDATA
SCLK
FS(2:0)
SPREAD_EN
SRC
DIV
PCIe(6:0)
CKPWRGD/PD#
25MHz(1:0)
25M
DIV
25MHz PLL
CPU/SRC/
PCI PLL
Series Resistor for Proper Termination
Zo = 50 ohms
1 Load
1
33
139
222
Series Resistor for Proper Termination
Zo = 50 ohms
CPUK8Gx
1
33
PCIe_Lx
1
33
Differential
Output
Number of
Loads on Board
Number of
Loads on Board
Single-ended Terminations (All Single-Ended Outputs)
Single-ended
Output Strength
Differential Terminations
2 Load
(Default)


Similar Part No. - ICS932S825

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS932S825 RENESAS-ICS932S825 Datasheet
434Kb / 21P
   Low Power Clock Chip for Serverworks HT2400 Servers
2019
More results

Similar Description - ICS932S825

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS932S825 RENESAS-ICS932S825 Datasheet
434Kb / 21P
   Low Power Clock Chip for Serverworks HT2400 Servers
2019
logo
Integrated Device Techn...
ICS932S805C IDT-ICS932S805C Datasheet
169Kb / 19P
   K8 Clock Chip for Serverworks HT2100 Servers
logo
Renesas Technology Corp
ICS932S805C RENESAS-ICS932S805C Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
logo
List of Unclassifed Man...
ICS932S801AFLFT ETC2-ICS932S801AFLFT Datasheet
194Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
logo
Renesas Technology Corp
ICS932S801 RENESAS-ICS932S801 Datasheet
397Kb / 21P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
2019
logo
List of Unclassifed Man...
ICS932S801AFLF ETC2-ICS932S801AFLF Datasheet
183Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
logo
Cypress Semiconductor
CY28159 CYPRESS-CY28159 Datasheet
146Kb / 13P
   Clock Generator for Serverworks Grand Champion Chipset Applications
logo
SpectraLinear Inc
CY28159 SPECTRALINEAR-CY28159 Datasheet
233Kb / 12P
   Clock Generator for Serverworks Grand Champion Chipset Applications
logo
Renesas Technology Corp
932S806 RENESAS-932S806 Datasheet
577Kb / 21P
   Clock Chip for 2 and 4-way AMD K8-based servers
2019
932S890C RENESAS-932S890C Datasheet
416Kb / 22P
   RD890 SYSTEM CLOCK FOR AMD-BASED SERVERS 932S890C
REV D 052011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com