Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8211CAT-M5T1G Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8211CAT-M5T1G
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8211CAT-M5T1G Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8211CAT-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8211CAT-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8211CAT-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc S-8211CAT-M5T1G Datasheet HTML 10Page - Seiko Instruments Inc S-8211CAT-M5T1G Datasheet HTML 11Page - Seiko Instruments Inc S-8211CAT-M5T1G Datasheet HTML 12Page - Seiko Instruments Inc S-8211CAT-M5T1G Datasheet HTML 13Page - Seiko Instruments Inc S-8211CAT-M5T1G Datasheet HTML 14Page - Seiko Instruments Inc S-8211CAT-M5T1G Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.5.0_00
S-8211C Series
Seiko Instruments Inc.
11
3. Detection Delay Time
(1) S-8211CAA, S-8211CAH, S-8211CAI, S-8211CAJ, S-8211CAK,S-8211CAL, S-8211CAM, S-8211CAN, S-
8211CAR, S-8211CAS, S-8211CAU, S-8211CAY,S-8211CAZ, S-8211CBA, S-8211CBB
Table 10
Item
Symbol
Condition
Min.
Typ.
Max. Unit
Test
Condi-
tion
Test
Circuit
DELAY TIME (Ta = 25 °C)
Overcharge detection delay time
tCU
0.96
1.2
1.4
s
9
5
Overdischarge detection delay time
tDL
120
150
180
ms
9
5
Discharge overcurrent detection delay time
tDIOV
7.2
9
11
ms
10
5
Load short-circuiting detection delay time
tSHORT
240
300
360
µs
10
5
Charge overcurrent detection delay time
tCIOV
7.2
9
11
ms
10
5
DELAY TIME (Ta =
−40 to +85 °C)
*1
Overcharge detection delay time
tCU
0.7
1.2
2.0
s
9
5
Overdischarge detection delay time
tDL
83
150
255
ms
9
5
Discharge overcurrent detection delay time
tDIOV
5
9
15
ms
10
5
Load short-circuiting detection delay time
tSHORT
150
300
540
µs
10
5
Charge overcurrent detection delay time
tCIOV
5
9
15
ms
10
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.
(2) S-8211CAB, S-8211CAV
Table 11
Item
Symbol
Condition
Min.
Typ.
Max. Unit
Test
Condi-
tion
Test
Circuit
DELAY TIME (Ta = 25 °C)
Overcharge detection delay time
tCU
0.96
1.2
1.4
s
9
5
Overdischarge detection delay time
tDL
120
150
180
ms
9
5
Discharge overcurrent detection delay time
tDIOV
7.2
9
11
ms
10
5
Load short-circuiting detection delay time
tSHORT
450
560
670
µs
10
5
Charge overcurrent detection delay time
tCIOV
7.2
9
11
ms
10
5
DELAY TIME (Ta =
−40 to +85 °C)
*1
Overcharge detection delay time
tCU
0.7
1.2
2.0
s
9
5
Overdischarge detection delay time
tDL
83
150
255
ms
9
5
Discharge overcurrent detection delay time
tDIOV
5
9
15
ms
10
5
Load short-circuiting detection delay time
tSHORT
260
560
940
µs
10
5
Charge overcurrent detection delay time
tCIOV
5
9
15
ms
10
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.


Similar Part No. - S-8211CAT-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8211CAT-M5T1X ABLIC-S-8211CAT-M5T1X Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
More results

Similar Description - S-8211CAT-M5T1G

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
Seiko Instruments Inc
S-8211D SII-S-8211D Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com