Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8211DAF-I6T1G Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8211DAF-I6T1G
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8211DAF-I6T1G Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8211DAF-I6T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8211DAF-I6T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8211DAF-I6T1G Datasheet HTML 9Page - Seiko Instruments Inc S-8211DAF-I6T1G Datasheet HTML 10Page - Seiko Instruments Inc S-8211DAF-I6T1G Datasheet HTML 11Page - Seiko Instruments Inc S-8211DAF-I6T1G Datasheet HTML 12Page - Seiko Instruments Inc S-8211DAF-I6T1G Datasheet HTML 13Page - Seiko Instruments Inc S-8211DAF-I6T1G Datasheet HTML 14Page - Seiko Instruments Inc S-8211DAF-I6T1G Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.4.5_00
S-8211D Series
Seiko Instruments Inc.
11
Test Circuits
Caution Unless otherwise specified, the output voltage levels “H” and “L” at CO pin (VCO) and DO pin (VDO) are
judged by the threshold voltage (1.0 V) of the N-channel FET. Judge the CO pin level with respect to
VVM and the DO pin level with respect to VSS.
(1) Overcharge Detection Voltage, Overcharge Release Voltage
(Test Condition 1, Test Circuit 1)
Overcharge detection voltage (VCU) is defined as the voltage between the VDD pin and VSS pin at which VCO goes
from “H” to “L” when the voltage V1 is gradually increased from the starting condition of V1 = 3.5 V. Overcharge
release voltage (VCL) is defined as the voltage between the VDD pin and VSS pin at which VCO goes from “L” to “H”
when the voltage V1 is then gradually decreased. Overcharge hysteresis voltage (VHC) is defined as the difference
between overcharge detection voltage (VCU) and overcharge release voltage (VCL).
(2) Overdischarge Detection Voltage, Overdischarge Release Voltage
(Test Condition 2, Test Circuit 2)
Overdischarge detection voltage (VDL) is defined as the voltage between the VDD pin and VSS pin at which VDO goes
from “H” to “L” when the voltage V1 is gradually decreased from the starting condition of V1 = 3.5 V, V2 = 0 V.
Overdischarge release voltage (VDU) is defined as the voltage between the VDD pin and VSS pin at which VDO goes
from “L” to “H” when the voltage V1 is then gradually increased. Overdischarge hysteresis voltage (VHD) is defined as
the difference between overdischarge release voltage (VDU) and overdischarge detection voltage (VDL).
(3) Discharge Overcurrent Detection Voltage
(Test Condition 3, Test Circuit 2)
Discharge overcurrent detection voltage (VDIOV) is defined as the voltage between the VM pin and VSS pin whose
delay time for changing VDO from “H” to “L” lies between the minimum and the maximum value of discharge
overcurrent delay time when the voltage V2 is increased rapidly (within 10
µs) from the starting condition of V1 = 3.5
V, V2 = 0 V.
(4) Load Short-circuiting Detection Voltage
(Test Condition 3, Test Circuit 2)
Load short-circuiting detection voltage (VSHORT) is defined as the voltage between the VM pin and VSS pin whose
delay time for changing VDO from “H” to “L” lies between the minimum and the maximum value of load short-circuiting
delay time when the voltage V2 is increased rapidly (within 10
µs) from the starting condition of V1 = 3.5 V, V2 = 0 V.
(5) Operating Current Consumption
(Test Condition 4, Test Circuit 2)
The operating current consumption (IOPE) is the current that flows through the VDD pin (IDD) under the set conditions
of V1 = 3.5 V and V2 = 0 V (normal status).
(6) Charger detection voltage (= the detection voltage for irregular charging current)
(Test Condition 4, Test Circuit 2)
The charger detection voltage (VCHA) is the voltage between the VM and VSS pin; when gradually increasing V1 at
V1 = 1.8 V, V2 = 0 V to set V1 = VDL+(VHD/2), after that, decreasing V2 gradually from 0 V so that VDO goes “L” to “H”.
Measurement of the charger detection voltage is available for the product with overdischarge hysteresis VHD
≠ 0 only.
The detection voltage for irregular charging current is the voltage between the VM and VSS pin; when gradually
decreasing V2 at V1 = 3.5 V, V2 = 0 V and VCO goes “H” to “L”.
The value of the detection voltage for irregular charging current is equal to the charger detection voltage (VCHA).


Similar Part No. - S-8211DAF-I6T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8211DAF-I6T1U ABLIC-S-8211DAF-I6T1U Datasheet
524Kb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.6.5_03
More results

Similar Description - S-8211DAF-I6T1G

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com