Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD1311AFPHP-4 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TD1311AFPHP-4
Description  Tuner module for digital terrestrial (OFDM) applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TD1311AFPHP-4 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TD1311AFPHP-4 Datasheet HTML 3Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 4Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 5Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 6Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 7Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 8Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 9Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 10Page - NXP Semiconductors TD1311AFPHP-4 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
NXP Semiconductors
TD1600ALF-4
Tuner module for digital terrestrial (OFDM) applications
TD1600ALF-4
© NXP B.V. 2006. All rights reserved.
Preliminary data sheet
Rev.c — 23-04-2007
7 of 27
8.
Dynamic Characteristics
Next specification data refer to the overall performance from RF-input to IF-output.
If not otherwise stated, all data are assigned to broadband IF-output.
The tuner has to be tuned as such that coincidence between RF-channel center and IF-
center frequency of 36.16 MHz is given.
Table 6.
Dynamic characteristics
Tamb = 22°C ±2°C; RH =60%±10%; VTU=5V±0.1V; VRF_AGC=4.0V±0.1V(internal AGC detector
disabled):VIF_AGC =1V(maximum); Zi(RF) = 75; Zo(RF)=75; unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Unit
TD1611 (VHF high)
174
230
MHz
TD1611 (UHF)
470
862
MHz
Frequency ranges
(1)
TD1644 (UHF)
470
862
MHz
RF power gain
(2)
47
50
dB
Overall gain taper
6
dB
Low band
40
dB
Mid band
40
dB
RF AGC range
High band
35
dB
VHF high (mid band)
66
70
dB
Image rejection
(Referred to IF-center
frequency)
UHF (high band)
55
60
dB
Osc. voltage at aerial input
(f < 1000MHz)
<20
dBµV
In-channel return loss
(3)
5
7
dB
Overloading causing
1dB gain compression
76
dBµV
Noise figure
at nom. gain
5
6
dB
ESD protection of terminals
2
kV
Surge protection at RF-input
5
kV
At 1 kHz
-88
-78
dBc/Hz
Osc. phase noise
(4)
At 10 kHz
-90
-82
dBc/Hz
Overall voltage gain
(5
70
dB
[1]
channel center including tuning margin
[2]
to be measured at ‘broadband’ IF-output with 75ohms load
[3]
to be measured at RF-input in the range channel-center ± 3MHz
[4]
PLL step size 166.667kHz / 148.86kHz; CP as recommended (see application notes)
[5]
measured at terminals 10/11; IF-AGC voltage (terminal 9) set to 3V


Similar Part No. - TD1311AFPHP-4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TD131N EUPEC-TD131N Datasheet
198Kb / 5P
   EUPEC
More results

Similar Description - TD1311AFPHP-4

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN88441 PANASONIC-MN88441 Datasheet
59Kb / 5P
   OFDM Demodulation LSI for Digital Terrestrial Broadcasting in Japan
logo
Silicon Laboratories
SI2124 SILABS-SI2124 Datasheet
86Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
August 9, 2021
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
logo
Advanced Crystal Techno...
ACTX2748D ACT-ACTX2748D Datasheet
92Kb / 4P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
ACTX3142D ACT-ACTX3142D Datasheet
97Kb / 3P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
logo
STMicroelectronics
TDA7546 STMICROELECTRONICS-TDA7546 Datasheet
950Kb / 68P
   Multichip module for TMC tuner applications
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com