Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8241ABCMC-GBCT2G Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8241ABCMC-GBCT2G
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8241ABCMC-GBCT2G Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8241ABCMC-GBCT2G Datasheet HTML 6Page - Seiko Instruments Inc S-8241ABCMC-GBCT2G Datasheet HTML 7Page - Seiko Instruments Inc S-8241ABCMC-GBCT2G Datasheet HTML 8Page - Seiko Instruments Inc S-8241ABCMC-GBCT2G Datasheet HTML 9Page - Seiko Instruments Inc S-8241ABCMC-GBCT2G Datasheet HTML 10Page - Seiko Instruments Inc S-8241ABCMC-GBCT2G Datasheet HTML 11Page - Seiko Instruments Inc S-8241ABCMC-GBCT2G Datasheet HTML 12Page - Seiko Instruments Inc S-8241ABCMC-GBCT2G Datasheet HTML 13Page - Seiko Instruments Inc S-8241ABCMC-GBCT2G Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8241 Series
Rev.7.6_00
Seiko Instruments Inc.
10
Electrical Characteristics
1. Other than detection delay time (25
°C)
Table 8
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Condition
Test
Circuit
DETECTION VOLTAGE
VCU-0.025
VCU
VCU+0.025
Overcharge detection voltage
VCU = 3.9 to 4.4 V, 5 mV Step
VCU
Ta = -5 to +55
°C*1
VCU-0.030
VCU
VCU+0.030
V
1
1
When VCL ≠ VCU
VCL-0.050
VCL
VCL+0.050
Overcharge release voltage
VCU−VCL = 0 to 0.4 V, 50 mV Step
VCL
When VCL = VCU
VCL-0.025
VCL
VCL+0.025
V
1
1
Overdischarge detection voltage
VDL = 2.0 to 3.0 V, 100 mV Step
VDL
VDL-0.080
VDL
VDL+0.080
V
1
1
When VDU ≠ VDL
VDU-0.100
VDU
VDU+0.100
Overdischarge release voltage
VDU−VDL = 0 to 0.7 V, 100 mV Step
VDU
When VDU = VDL
VDU-0.080
VDU
VDU+0.080
V
1
1
Overcurrent 1 detection voltage
VIOV1 = 0.05 to 0.3V, 5 mV Step
VIOV1
VIOV1-0.020
VIOV1
VIOV1+0.020
V
2
1
Overcurrent 2 detection voltage
VIOV2
0.4
0.5
0.6
V
2
1
Load short-circuiting detection
voltage
VSHORT VM voltage based on VDD
-1.7
-1.3
-0.9
V
2
1
Charger detection voltage
VCHA
-2.0
-1.3
-0.6
V
3
1
Overcharge detection voltage
temperature factor
*1
TCOE1
Ta = -5 to +55
°C
-0.5
0
0.5
mV/
°C
Overcurrent 1 detection voltage
temperature factor
*1
TCOE2
Ta = -5 to +55
°C
-0.1
0
0.1
mV/
°C
INPUT VOLTAGE, OPERATING VOLTAGE
Input voltage between VDD and
VSS
VDS1
absolute maximum rating
-0.3
12
V
Input voltage between VDD and
VM
VDS2
absolute maximum rating
-0.3
26
V
Operating voltage between VDD
and VSS
VDSOP1 Internal circuit operating voltage
1.5
8
V
Operating voltage between VDD
and VM
VDSOP2 Internal circuit operating voltage
1.5
24
V
CURRENT CONSUMPTION Power-down function available
Current consumption during
normal operation
IOPE
VDD = 3.5 V, VVM = 0 V
1.0
3.0
5.0
μA
4
1
Current consumption at power
down
IPDN
VDD = VVM = 1.5 V
0.1
μA
4
1
CURRENT CONSUMPTION Power-down function unavailable
Current consumption during
normal operation
IOPE
VDD = 3.5 V, VVM = 0 V
1.0
3.0
5.0
μA
4
1
Overdischarge current
consumption
IOPED
VDD = VVM = 1.5 V
1.0
2.0
3.5
μA
4
1
OUTPUT RESISTANCE
CO pin H resistance
RCOH
VCO = 3.0 V, VDD = 3.5 V, VVM = 0 V
0.1
2
10
k
Ω
6
1
CO pin L resistance
RCOL
VCO = 0.5 V, VDD = 4.5 V, VVM = 0 V
150
600
2400
k
Ω
6
1
DO pin H resistance
RDOH
VDO = 3.0 V, VDD = 3.5 V, VVM = 0 V
0.1
1.3
6.0
k
Ω
7
1
DO pin L resistance
RDOL
VDO = 0.5 V, VDD = VVM = 1.8 V
0.1
0.5
2.0
k
Ω
7
1
VM INTERNAL RESISTANCE
Internal resistance between VM
and VDD
RVMD
VDD = 1.8 V, VVM = 0 V
100
300
900
k
Ω
5
1
Internal resistance between VM
and VSS
RVMS
VDD = VVM = 3.5 V
50
100
150
k
Ω
5
1
0 V BATTERY CHARGING FUNCTION The 0 V battery function is either "0 V battery charging function" or "0 V battery charge inhibiting function"
depending upon the product type.
0 V battery charge starting charger
voltage
V0CHA
0 V battery charging Available
0.0
0.8
1.5
V
10
1
0 V battery charge inhibiting
battery voltage
V0INH
0 V battery charging Unavailable
0.6
0.9
1.2
V
11
1
*1.
Since products are not screened at high and low temperatures, the specification for this temperature range is guaranteed by design, not tested in
production.


Similar Part No. - S-8241ABCMC-GBCT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8241ABKMC-GBKT2G SII-S-8241ABKMC-GBKT2G Datasheet
553Kb / 39P
   BATTERY PROTECTION IC FOR 1-CELL PACK
More results

Similar Description - S-8241ABCMC-GBCT2G

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
Seiko Instruments Inc
S-8211D SII-S-8211D Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com