Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8211DAL-M5T1G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8211DAL-M5T1G
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8211DAL-M5T1G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8211DAL-M5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 10Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 11Page - Seiko Instruments Inc S-8211DAL-M5T1G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211D Series
Rev.4.5_00
Seiko Instruments Inc.
8
Electrical Characteristics
1. Except Detection Delay Time (25
°C)
Table 8
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max. Unit
Test
Condi-
tion
Test
Circuit
DETECTION VOLTAGE
Overcharge detection voltage
VCU
3.90 to 4.40 V, Adjustable
VCU
−0.025
VCU
VCU
+0.025
V
1
1
3.90 to 4.40 V, Adjustable,
Ta =
−5 to +55 °C
*1
VCU
−0.03
VCU
VCU
+0.03
V
1
1
VCL
≠ VCU
VCL
−0.05
VCL
VCL
+0.05
V
1
1
Overcharge release voltage
VCL
3.80 to 4.40 V,
Adjustable
VCL = VCU
VCL
−0.05
VCL
VCL
+0.025
V
1
1
Overdischarge detection voltage
VDL
2.00 to 3.00 V, Adjustable
VDL
−0.05
VDL
VDL
+0.05
V
2
2
VDU
≠ VDL
VDU
−0.10
VDU
VDU
+0.10
V
2
2
Overdischarge release voltage
VDU
2.00 to 3.40 V,
Adjustable
VDU = VDL
VDU
−0.05
VDU
VDU
+0.05
V
2
2
Discharge overcurrent detection voltage
VDIOV
0.05 to 0.30 V, Adjustable
VDIOV
−0.015
VDIOV
VDIOV
+0.015
V
3
2
Load short-circuiting detection voltage
*2
VSHORT
0.30
0.50
0.70
V
3
2
Charger detection voltage
VCHA
−1.0
−0.7
−0.4
V
4
2
0 V BATTERY CHARGE FUNCTION
0 V battery charge starting charger voltage V0CHA
0 V battery charging function “available”
1.2
V
10
2
0 V battery charge inhibition battery voltage V0INH
0 V battery charging function “unavailable”
0.5
V
11
2
INTERNAL RESISTANCE
Resistance between VM pin and VDD pin
RVMD
VDD = 1.8 V, VVM = 0 V
100
300
900
k
5
3
Resistance between VM pin and VSS pin
RVMS
VDD = 3.5 V, VVM = 1.0 V
10
20
40
k
5
3
[INPUT VOLTAGE]
Operating voltage between VDD pin and VSS pin VDSOP1
1.5
8
V
Operating voltage between VDD pin and VM pin
VDSOP2
1.5
28
V
INPUT CURRENT (Shutdown Function Yes)
Current consumption during operation
IOPE
VDD = 3.5 V, VVM = 0 V
1.0
3.0
5.5
µA
4
2
Current consumption at power-down
IPDN
VDD = VVM = 1.5 V
0.2
µA
4
2
INPUT CURRENT (Shutdown Function No)
Current consumption during operation
IOPE
VDD = 3.5 V, VVM = 0 V
1.0
3.0
5.5
µA
4
2
Current consumption during overdischarge IOPED
VDD = VVM = 1.5 V
0.3
2.0
3.5
µA
4
2
OUTPUT RESISTANCE
CO pin resistance “H”
RCOH
VCO = 3.0 V, VDD = 3.5 V, VVM = 0 V
2.5
5
10
k
6
4
CO pin resistance “L”
RCOL
VCO = 0.5 V, VDD = 4.5 V, VVM = 0 V
2.5
5
10
k
6
4
DO pin resistance “H”
RDOH
VDO = 3.0 V, VDD = 3.5 V, VVM = 0 V
2.5
5
10
k
7
4
DO pin resistance “L”
RDOL
VDO = 0.5 V, VDD =VVM = 1.8 V
2.5
5
10
k
7
4
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.
*2. In any conditions, Load short-circuiting detection voltage (VSHORT) is higher Discharge overcurrent detection voltage
(VDIOV).


Similar Part No. - S-8211DAL-M5T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8211DAL-M5T1G SII-S-8211DAL-M5T1G Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
More results

Similar Description - S-8211DAL-M5T1G

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com