Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD1644ALFIHP-4 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TD1644ALFIHP-4
Description  Tuner module for digital terrestrial (OFDM) applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TD1644ALFIHP-4 Datasheet(HTML) 1 Page - NXP Semiconductors

  TD1644ALFIHP-4 Datasheet HTML 1Page - NXP Semiconductors TD1644ALFIHP-4 Datasheet HTML 2Page - NXP Semiconductors TD1644ALFIHP-4 Datasheet HTML 3Page - NXP Semiconductors TD1644ALFIHP-4 Datasheet HTML 4Page - NXP Semiconductors TD1644ALFIHP-4 Datasheet HTML 5Page - NXP Semiconductors TD1644ALFIHP-4 Datasheet HTML 6Page - NXP Semiconductors TD1644ALFIHP-4 Datasheet HTML 7Page - NXP Semiconductors TD1644ALFIHP-4 Datasheet HTML 8Page - NXP Semiconductors TD1644ALFIHP-4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TD1600ALF-4
Tuner module for digital terrestrial (OFDM) applications
Rev.c — 23-04-2007
Preliminary data sheet
1.
General description
TD1600ALF-4 belong to the new generation of terrestrial tuners designed to cope with
digital COFDM and analog transmission standards.
From function point-of-view these tuners can be divided into two high-frequency
sections, a RF-loopthrough and a single conversion tuner part.
In the loopthrough section broadband low-noise amplifiers are used. The loopthrough
frequency response covers the entire frequency range from VHF to UHF.
The RF-downstream section is equipped with a state-of-the-art single conversion tuner,
which makes use of a highly integrated MOPLL IC that provides the required high level
of performance necessary for COFDM signal processing.
The tuners are provided with a DC/DC converter to generate the tuning voltage
internally.
The internal 4MHz PLL crystal reference frequency is fed through one of the pin-
terminals and can be used as a clock for a 2
nd
device e.g. the channel decoder.
Two IF-outputs are provided, one is a wideband, non filtered IF-output, while the other,
narrow-band IF-output is equipped with a SAW-filter and a gain controllable IF-amplifier.
This narrow-IF-output matches the A-to-D converter input of currently available channel
decoders.
All tuners out of this family can be equipped with two standard IEC-connectors, RF-in is
IEC-female, RF-out is IEC-male. The tuner housing is available in a vertical or
horizontal mountable execution; the pinning pitch corresponds to the World Standard
Pinning convention.
Apart from the RF-connectors, all other terminals are made with wire pins at the bottom
side of the tuner.


Similar Part No. - TD1644ALFIHP-4

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1609 TECHCODE-TD1609 Datasheet
486Kb / 11P
   1.6A 150KHz PWM Buck DC/DC Converter
logo
eupec GmbH
TD162N EUPEC-TD162N Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TD162N16KOF INFINEON-TD162N16KOF Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
04.07.02 revision:1
More results

Similar Description - TD1644ALFIHP-4

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN88441 PANASONIC-MN88441 Datasheet
59Kb / 5P
   OFDM Demodulation LSI for Digital Terrestrial Broadcasting in Japan
logo
Silicon Laboratories
SI2124 SILABS-SI2124 Datasheet
86Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
August 9, 2021
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
logo
Advanced Crystal Techno...
ACTX2748D ACT-ACTX2748D Datasheet
92Kb / 4P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
ACTX3142D ACT-ACTX3142D Datasheet
97Kb / 3P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
logo
STMicroelectronics
TDA7546 STMICROELECTRONICS-TDA7546 Datasheet
950Kb / 68P
   Multichip module for TMC tuner applications
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com