Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1172B50-U5T1G Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-1172B50-U5T1G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1172B50-U5T1G Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-1172B50-U5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1172B50-U5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1172B50-U5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1172B50-U5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1172B50-U5T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1172B50-U5T1G Datasheet HTML 10Page - Seiko Instruments Inc S-1172B50-U5T1G Datasheet HTML 11Page - Seiko Instruments Inc S-1172B50-U5T1G Datasheet HTML 12Page - Seiko Instruments Inc S-1172B50-U5T1G Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.1.1_00
S-1172 Series
Seiko Instruments Inc.
9
Table 7 (2 / 2)
(Ta
= 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
VIN = VOUT(S) + 1.0 V,
RL = 1.0 k
Ω,
determined by VOUT
output level
1.0 V
≤ VOUT(S) ≤ 4.5 V
1.0
V
4
Shutdown pin input
voltage “H”
VSH
VIN = 5.5 V,
RL = 1.0 k
Ω,
determined by VOUT
output level
4.5 V < VOUT(S)
≤ 5.0 V
1.0
V
4
VIN = VOUT(S) + 1.0 V,
RL = 1.0 k
Ω,
determined by VOUT
output level
1.0 V
≤ VOUT(S) ≤ 4.5 V
0.3
V
4
Shutdown pin input
voltage “L”
VSL
VIN = 5.5 V,
RL = 1.0 k
Ω,
determined by VOUT
output level
4.5 V < VOUT(S)
≤ 5.0 V
0.3
V
4
Shutdown pin input
current “H”
ISH
VIN = 5.5 V, VON/OFF = 5.5 V
−0.1
0.1
µA
4
Shutdown pin input
current “L”
ISL
VIN = 5.5 V, VON/OFF = 0 V
−0.1
0.1
µA
4
1.0 V
≤ VOUT(S) < 1.2 V
70
dB
5
1.2 V
≤ VOUT(S) ≤ 3.0 V
65
dB
5
VIN = VOUT(S) + 1.0 V,
f = 1 kHz,
∆Vrip = 0.5 Vrms,
IOUT = 100 mA
3.0 V < VOUT(S)
≤ 4.5 V
60
dB
5
Ripple rejection
RR
VIN = 5.5 V,
f = 1 kHz,
∆Vrip = 0.5 Vrms,
IOUT = 100 mA
4.5 V < VOUT(S)
≤ 5.0 V
60
dB
5
VIN
= VOUT(S) + 1.0 V,
ON/OFF pin
= ON,
VOUT
= 0 V
1.0 V
≤ VOUT(S) ≤ 4.5 V
200
mA
3
Short-circuit current
ISHORT
VIN
= 5.5 V,
ON/OFF pin
= ON,
VOUT
= 0 V
4.5 V < VOUT(S)
≤ 5.0 V
200
mA
3
Thermal shutdown
detection temperature
TSD
Junction temperature
150
°C
Thermal shutdown
release temperature
TSR
Junction temperature
120
°C
*1.
VOUT(S) : Specified output voltage
VOUT(E) : Actual output voltage
The output voltage when fixing IOUT (
= 100 mA) and inputting VOUT(S) + 1.0 V or 5.5 V
*2.
The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3.
Vdrop
= VIN1 − (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN
= VOUT(S) + 1.0 V or 5.5 V, and IOUT = 300 mA or 1000 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
*4.
The change in temperature [mV/°C] is calculated using the following equation.
[]
[ ]
[] 1000
C
ppm/
V
∆Ta
∆V
V
V
C
mV/
∆Ta
∆V
OUT
OUT
OUT(S)
OUT
÷
°
×
=
°
*3
*2
*1
*1.
Change in temperature of the output voltage
*2.
Specified output voltage
*3.
Output voltage temperature coefficient
*5.
The output current can be at least this value.
Due to limitation of the package power dissipation, this value may not be satisfied. Attention should be paid to the
power dissipation of the package when the output current is large.
This specification is guaranteed by design.
*1
*2
*3


Similar Part No. - S-1172B50-U5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1172B50-U5T1X ABLIC-S-1172B50-U5T1X Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
More results

Similar Description - S-1172B50-U5T1G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-13A1 SII-S-13A1 Datasheet
3Mb / 74P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1172 ABLIC-S-1172 Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com