Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD1611ALFIVP-4 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TD1611ALFIVP-4
Description  Tuner module for digital terrestrial (OFDM) applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TD1611ALFIVP-4 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TD1611ALFIVP-4 Datasheet HTML 6Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 7Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 8Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 9Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 10Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 11Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 12Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 13Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
NXP Semiconductors
TD1600ALF-4
Tuner module for digital terrestrial (OFDM) applications
TD1600ALF-4
© NXP B.V. 2006. All rights reserved.
Preliminary data sheet
Rev.c — 23-04-2007
10 of 27
8.3 Overall performance from RF input to RF output
Table 7.
Overall performance from RF input to RF output
Specification data refer to the overall performance from RF-input to RF-output. (valid for all tuners
out of this family)
Parameter
Min
Typ
Max
Unit
Frequency range (referred to channel center)
51
858
MHz
Power gain
0
3
dB
Overall gain taper
2.5
dB
Noise figure (tuners w/o remod)
5
dB
CSO / CTB
(acc. EN50083)
-57
dBc
RF-output return loss (referred to 75
Ω)
10
dB
9.
Application information
9.1 Programming of tuner PLL
The tuner control (frequency selection and band switching) is done via the I
2C bus.
One address byte and four data bytes are needed to fully program the tuner.
A PLL lock flag can be read from the tuner during 'READ' - mode.
Four independent PLL addresses are available; which one is actually valid depends on
the address select voltage that is connected to terminal 3.
TD1300ALF tuners comply to the 5V I
2C – Bus specification.
Table 8.
-bus data format ' WRITE ' - mode:
Name
Description
7
6
5
4
3
2
1
0
ACK
ADB
Address byte
1
1
0
0
0
CA1
CA0
R/W=0 A
DIV1
Divider byte1
0
N14
N13
N12
N11
N10
N9
N8
A
DIV2
Divider byte2
N7
N6
N5
N4
N3
N2
N1
N0
A
1
D/A=1 0
0
1
R2
R1
R0
A
CB1
Control Data
Byte1
1
D/A=0 0
0
ATC
AL2
AL1
AL0
A
CB2
Control data
byte2
CP2
CP1
CP0
SP5
SP4
SP3
SP2
SP1
A


Similar Part No. - TD1611ALFIVP-4

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1609 TECHCODE-TD1609 Datasheet
486Kb / 11P
   1.6A 150KHz PWM Buck DC/DC Converter
logo
eupec GmbH
TD162N EUPEC-TD162N Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TD162N16KOF INFINEON-TD162N16KOF Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
04.07.02 revision:1
More results

Similar Description - TD1611ALFIVP-4

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN88441 PANASONIC-MN88441 Datasheet
59Kb / 5P
   OFDM Demodulation LSI for Digital Terrestrial Broadcasting in Japan
logo
Silicon Laboratories
SI2124 SILABS-SI2124 Datasheet
86Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
August 9, 2021
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
logo
Advanced Crystal Techno...
ACTX2748D ACT-ACTX2748D Datasheet
92Kb / 4P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
ACTX3142D ACT-ACTX3142D Datasheet
97Kb / 3P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
logo
STMicroelectronics
TDA7546 STMICROELECTRONICS-TDA7546 Datasheet
950Kb / 68P
   Multichip module for TMC tuner applications
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com