Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1172B47-U5T1G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1172B47-U5T1G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1172B47-U5T1G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1172B47-U5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1172B47-U5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1172B47-U5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1172B47-U5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1172B47-U5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1172B47-U5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1172B47-U5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1172B47-U5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1172B47-U5T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev.1.1_00
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT
CMOS VOLTAGE REGULATOR
S-1172 Series
Seiko Instruments Inc.
1
The S-1172 Series, developed based on CMOS technology, is a positive
voltage regulator with a super low dropout voltage, high output voltage
accuracy, and low current consumption.
The S-1172 Series provides the very small dropout voltage and the large
output current due to the built-in transistor with low on-resistance. The
overcurrent protector prevents the load current from exceeding the
capacitance of output transistor. The thermal shutdown circuit prevents
damage caused by heat, the rush current control circuit limits the
excessive rush current during start-up.
The ON/OFF circuit ensures longer battery life. Various capacitors, also
small ceramic capacitors, can be used for this IC more than for the
conventional regulator ICs which have CMOS technology.
The packages, high heat radiation HSOP-6 and small SOT-89-5 enable
high-density mounting.
Features
• Output voltage :
1.0 to 5.0 V, selectable in 0.05 V step.
• Low equivalent series resistance capacitor :
Ceramic capacitor of 4.7
µF or more can be used as the
I/O capacitor.
• Input voltage :
1.5 to 5.5 V
• High-accuracy output voltage :
±1.0% (1.0 to 1.45 V output product : ±15 mV)
• Low dropout voltage :
70 mV typ. (3.0 V output product, at IOUT = 300 mA)
• Low current consumption :
During operation : 70
µA typ., 90 µA max.
(3.0 V output product)
During shutdown : 0.1
µA typ., 1.0 µA max.
• Output current :
1000 mA (3.0 V output product, at VIN
≥ VOUT(S) + 1.0 V)
*1
• High ripple rejection :
70 dB typ. (at 1.0 kHz, VOUT = 1.0 V)
• Built-in overcurrent protection circuit :
limits overcurrent of output transistor
• Built-in thermal shutdown circuit :
prevents damage caused by heat
• Built-in rush current control circuit :
limits excessive rush current during start-up
• Built-in power on/off circuit :
Longer battery life
• Small package :
SOT-89-5, HSOP-6
• Lead-free product
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Power supply for battery-powered devices
• Power supply for TV, notebook PCs and home electric appliances
• Constant-voltage power supply for portable equipment
Packages
Drawing Code
Package Name
Package
Tape
Reel
Land
SOT-89-5
UP005-A
UP005-A
UP005-A
HSOP-6
FH006-A
FH006-A
FH006-A
FH006-A


Similar Part No. - S-1172B47-U5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1172B47-U5T1X ABLIC-S-1172B47-U5T1X Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
More results

Similar Description - S-1172B47-U5T1G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-13A1 SII-S-13A1 Datasheet
3Mb / 74P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1172 ABLIC-S-1172 Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com