Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1000C30-N4T1G Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S-1000C30-N4T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1000C30-N4T1G Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S-1000C30-N4T1G Datasheet HTML 14Page - Seiko Instruments Inc S-1000C30-N4T1G Datasheet HTML 15Page - Seiko Instruments Inc S-1000C30-N4T1G Datasheet HTML 16Page - Seiko Instruments Inc S-1000C30-N4T1G Datasheet HTML 17Page - Seiko Instruments Inc S-1000C30-N4T1G Datasheet HTML 18Page - Seiko Instruments Inc S-1000C30-N4T1G Datasheet HTML 19Page - Seiko Instruments Inc S-1000C30-N4T1G Datasheet HTML 20Page - Seiko Instruments Inc S-1000C30-N4T1G Datasheet HTML 21Page - Seiko Instruments Inc S-1000C30-N4T1G Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 Series
Rev.2.3_00
18
Seiko Instruments Inc.
Typical Characteristics (Typical Data)
1. Detection voltage (VDET)
− temperature (Ta)
-40
-20
0
20
40
60
80
1.59
1.58
1.57
1.56
1.55
1.54
1.53
1.52
1.50
1.49
S-1000C15
Ta [
°C]
+VDET
-VDET
-40
-20
020
40
60
80
4.85
4.80
4.75
4.70
4.65
4.60
4.55
4.50
4.45
4.40
S-1000C46
Ta [
°C]
-VDET
+VDET
2. Hysteresis voltage width
− (VHYS) - temperature (Ta)
-40
-20
0
20
40
60
80
8.0
7.0
6.0
5.0
4.0
3.0
S-1000C15
Ta [
°C]
-40
-20
0
20
40
60
80
8.0
7.0
6.0
5.0
4.0
3.0
S-1000C46
Ta [
°C]
3. Current consumption (ISS)
− input voltage (VDD)
0
2.0
1.0
3.0
4.0
5.0
6.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
S-1000C15
VDD [V]
Ta = 25
°C
0
2.0
1.0
3.0
4.0
5.0
6.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
S-1000C46
VDD [V]
Ta = 25
°C
4. Current consumption (ISS)
− temperature (Ta)
-40
-20
0
20
40
60
80
0.8
0.6
0.4
0.2
0.0
S-1000C15
VDD = 3.0 V
Ta [
°C]
-40
-20
0
20
40
60
80
0.8
0.6
0.4
0.2
0.0
S-1000C46
VDD = 5.5 V
Ta [
°C]


Similar Part No. - S-1000C30-N4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000C30-N4T1X ABLIC-S-1000C30-N4T1X Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
More results

Similar Description - S-1000C30-N4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com