Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1206B40-M3T1G Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-1206B40-M3T1G
Description  ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1206B40-M3T1G Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-1206B40-M3T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1206B40-M3T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1206B40-M3T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1206B40-M3T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1206B40-M3T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1206B40-M3T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1206B40-M3T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1206B40-M3T1G Datasheet HTML 10Page - Seiko Instruments Inc S-1206B40-M3T1G Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.1_00
S-1206 Series
Seiko Instruments Inc.
7
Electrical Characteristics
Table 6
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Measurement
Circuit
VIN = VOUT(S)
+ 1.0 V, IOUT = 30 mA,
1.2 V
≤ VOUT(S) < 1.5 V
VOUT(S)
−15 mV
VOUT(S)
VOUT(S)
+15 mV
V
1
Output voltage
*1
VOUT(E)
VIN = VOUT(S)
+ 1.0 V, IOUT = 30 mA,
1.5 V
≤ VOUT(S)
VOUT(S)
× 0.99
VOUT(S)
VOUT(S)
× 1.01
V
1
VIN
≥ VOUT(S) + 1.0 V, 1.2 V ≤ VOUT(S) < 1.5 V
150
*5
mA
3
Output current
*2
IOUT
VIN
≥ VOUT(S) + 1.0 V, 1.5 V ≤ VOUT(S)
250
*5
mA
3
1.2 V
≤ VOUT(S) < 1.3 V
0.5
0.54
0.81
V
1
1.3 V
≤ VOUT(S) < 1.4 V
0.50
0.73
V
1
1.4 V
≤ VOUT(S) < 1.5 V
0.43
0.66
V
1
1.5 V
≤ VOUT(S) < 1.7 V
0.35
0.53
V
1
1.7 V
≤ VOUT(S) < 1.9 V
0.33
0.50
V
1
1.9 V
≤ VOUT(S) < 2.1 V
0.26
0.43
V
1
2.1 V
≤ VOUT(S) < 3.0 V
0.23
0.36
V
1
Dropout voltage
*3
Vdrop
IOUT = 100 mA
3.0 V
≤ VOUT(S) ≤ 5.2 V
0.15
0.23
V
1
IOUT = 1
µA
0.05
0.2
%/V
1
Line regulation
OUT
IN
1
OUT
V
V
V
VOUT(S)
+ 0.5 V ≤ VIN ≤ 6.5 V
IOUT = 30 mA
0.05
0.2
%/V
1
Load regulation
∆VOUT2
VIN = VOUT(S)
+ 1.0 V, 1 µA ≤ IOUT ≤ 100 mA
20
40
mV
1
Output voltage
temperature
coefficient
*4
OUT
OUT
V
Ta
V
VIN = VOUT(S)
+ 1.0 V, IOUT = 30 mA,
−40 ≤ Ta ≤ 85°C
±120
ppm/
°C
1
Current consumption
during operation
ISS1
VIN = VOUT(S)
+ 1.0 V, no load
1.0
1.5
µA
2
Input voltage
VIN
1.7
6.5
V
1.2 V
≤ VOUT < 2.3 V
130
mA
3
Short-circuit current ISHORT
VIN = VOUT(S)
+ 1.0 V,
VOUT = 0 V
2.3 V
≤ VOUT ≤ 5.2 V
100
mA
3
*1.
VOUT(S) : Specified output voltage
VOUT(E) : Actual output voltage at the fixed load
Output voltage when fixing IOUT (= 30 mA) and inputting VOUT(S)
+ 1.0 V
*2.
Output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3.
Vdrop = VIN1
− (VOUT3
× 0.98)
VOUT3 : Output voltage when VIN = VOUT(S)
+ 1.0 V and IOUT = 100 mA
VIN1 : Input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage
*4.
The change in temperature [mV / °C] is calculated using the following equation.
[]
[ ]
[] 1000
C
ppm/
V
Ta
V
V
V
C
mV/
Ta
V
OUT
OUT
OUT(S)
OUT
÷
°
×
=
°
3
*
2
*
*1
*1.
Temperature change ratio of the output voltage
*2.
Specified output voltage
*3.
Output voltage temperature coefficient
*5.
The output current can be supplied at least to this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the
power dissipation of the package when the output current is large.
This specification is guaranteed by design.


Similar Part No. - S-1206B40-M3T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1206B40-M3T1X ABLIC-S-1206B40-M3T1X Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
More results

Similar Description - S-1206B40-M3T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 SII-S-1167 Datasheet
474Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
ACE Technology Co., LTD...
ACE5016A ACE-ACE5016A Datasheet
773Kb / 11P
   Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com