Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1165B34MC-N6TTFG Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-1165B34MC-N6TTFG
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1165B34MC-N6TTFG Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-1165B34MC-N6TTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1165B34MC-N6TTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1165B34MC-N6TTFG Datasheet HTML 9Page - Seiko Instruments Inc S-1165B34MC-N6TTFG Datasheet HTML 10Page - Seiko Instruments Inc S-1165B34MC-N6TTFG Datasheet HTML 11Page - Seiko Instruments Inc S-1165B34MC-N6TTFG Datasheet HTML 12Page - Seiko Instruments Inc S-1165B34MC-N6TTFG Datasheet HTML 13Page - Seiko Instruments Inc S-1165B34MC-N6TTFG Datasheet HTML 14Page - Seiko Instruments Inc S-1165B34MC-N6TTFG Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_00
S-1165 Series
Seiko Instruments Inc.
11
6.
Δ
Δ
OUT
OUT
V
Ta
V
voltage
output
of
t
coefficien
e
Temperatur
The shadowed area in Figure 10 is the range where VOUT varies in the operating temperature range
when the temperature coefficient of the output voltage is
±100 ppm/°C.
VOUT(E)
*1
Ex. S-1165B28 Typ.
−40
25
+0.28 mV / °C
VOUT
[V]
*1.
VOUT(E) is the value of the output voltage measured at 25°C.
85
Ta [
°C]
−0.28 mV / °C
Figure 10
A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
[]
[ ]
[] 1000
C
ppm/
V
Ta
V
V
V
C
mV/
Ta
V
OUT
OUT
OUT(S)
OUT
÷
°
Δ
Δ
×
=
°
Δ
Δ
3
*
2
*
1
*
*1. Change in temperature of output voltage
*2. Specified output voltage
*3. Output voltage temperature coefficient


Similar Part No. - S-1165B34MC-N6TTFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1165B34MC-N6TTFX ABLIC-S-1165B34MC-N6TTFX Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results

Similar Description - S-1165B34MC-N6TTFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com