Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1172B17-U5T1G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-1172B17-U5T1G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1172B17-U5T1G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-1172B17-U5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1172B17-U5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1172B17-U5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1172B17-U5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1172B17-U5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1172B17-U5T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1172B17-U5T1G Datasheet HTML 10Page - Seiko Instruments Inc S-1172B17-U5T1G Datasheet HTML 11Page - Seiko Instruments Inc S-1172B17-U5T1G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1172 Series
Rev.1.1_00
Seiko Instruments Inc.
8
Electrical Characteristics
Table 7 (1 / 2)
(Ta
= 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
1.0 V
≤ VOUT(S) < 1.5 V
VOUT(S)
− 0.015
VOUT(S) VOUT(S)
+ 0.015
V
1
VIN = VOUT(S) + 1.0 V,
IOUT = 100 mA
1.5 V
≤ VOUT(S) ≤ 4.5 V
VOUT(S)
× 0.99
VOUT(S) VOUT(S)
× 1.01
V
1
Output voltage
*1
VOUT(E)
VIN = 5.5 V,
IOUT = 100 mA
4.5 V < VOUT(S)
≤ 5.0 V
VOUT(S)
× 0.99
VOUT(S) VOUT(S)
× 1.01
V
1
VIN
≥ VOUT(S) + 1.0 V
1.0 V
≤ VOUT(S) ≤ 4.5 V
1000
*5
mA
3
Output current
*2
IOUT
VIN = 5.5 V
4.5 V < VOUT(S)
≤ 5.0 V
1000
*5
mA
3
1.0 V
≤ VOUT(S) < 1.1 V
0.5
0.54
0.58
V
1
1.1 V
≤ VOUT(S) < 1.2 V
0.44
0.48
V
1
1.2 V
≤ VOUT(S) < 1.3 V
0.34
0.38
V
1
1.3 V
≤ VOUT(S) < 1.4 V
0.24
0.28
V
1
1.4 V
≤ VOUT(S) < 1.5 V
0.14
0.18
V
1
1.5 V
≤ VOUT(S) < 2.6 V
0.10
0.15
V
1
IOUT = 300 mA
2.6 V
≤ VOUT(S) ≤ 5.0 V
0.07
0.10
V
1
1.0 V
≤ VOUT(S) < 1.1 V
0.9
V
1
1.1 V
≤ VOUT(S) < 1.2 V
0.8
V
1
1.2 V
≤ VOUT(S) < 1.3 V
0.7
V
1
1.3 V
≤ VOUT(S) < 1.4 V
0.6
V
1
1.4 V
≤ VOUT(S) < 1.5 V
0.5
V
1
1.5 V
≤ VOUT(S) < 2.0 V
0.4
V
1
2.0 V
≤ VOUT(S) < 2.6 V
0.32
V
1
Dropout voltage
*3
Vdrop
IOUT = 1000 mA
2.6 V
≤ VOUT(S) ≤ 5.0 V
0.23
V
1
1.0 V
≤ VOUT(S) < 3.6 V
0.05
0.2
%/V
1
VOUT(S) + 0.5 V
≤ VIN
≤ 5.5 V,
IOUT = 100 mA
3.6 V
≤ VOUT(S) ≤ 4.8 V
2.5
10
mV
1
Line regulation
OUT
IN
1
OUT
V
V
V
5.3 V
≤ VIN ≤ 5.5 V,
IOUT = 100 mA
4.8 V < VOUT(S)
≤ 5.0 V
2.5
10
mV
1
VIN = VOUT(S) + 1.0 V,
1 mA
≤ IOUT ≤ 300 mA
1.0 V
≤ VOUT(S) ≤ 4.5 V
15
30
mV
1
Load regulation
∆VOUT2
VIN = 5.5 V,
1 mA
≤ IOUT ≤ 300 mA
4.5 V < VOUT(S)
≤ 5.0 V
15
30
mV
1
VIN = VOUT(S) + 1.0 V,
IOUT = 100 mA,
−40 ≤ Ta ≤ 85°C
1.0 V
≤ VOUT(S) ≤ 4.5 V
±130
ppm/
°C1
Output voltage
temperature
coefficient
*4
OUT
OUT
V
Ta
V
VIN = 5.5 V,
IOUT = 100 mA,
−40 ≤ Ta ≤ 85°C
4.5 V < VOUT(S)
≤ 5.0 V
±130
ppm/
°C1
VIN
= VOUT(S) + 1.0 V, ON/OFF pin = ON,
no load, 1.0 V
≤ VOUT(S) < 1.8 V
90
110
µA
2
VIN
= VOUT(S) + 1.0 V, ON/OFF pin = ON,
no load, 1.8 V
≤ VOUT(S) ≤ 4.5 V
70
90
µA
2
Current consumption
during operation
ISS1
VIN
= 5.5 V, ON/OFF pin = ON,
no load, 4.5 V < VOUT(S)
≤ 5.0 V
70
90
µA
2
VIN
= VOUT(S) + 1.0 V,
ON/OFF pin
= OFF,
no load
1.0 V
≤ VOUT(S) ≤ 4.5 V
0.1
1.0
µA
2
Current consumption
during shutdown
ISS2
VIN
= 5.5 V,
ON/OFF pin
= OFF,
no load
4.5 V < VOUT(S)
≤ 5.0 V
0.1
1.0
µA
2
Input voltage
VIN
1.5
5.5
V


Similar Part No. - S-1172B17-U5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1172B17-U5T1X ABLIC-S-1172B17-U5T1X Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
More results

Similar Description - S-1172B17-U5T1G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-13A1 SII-S-13A1 Datasheet
3Mb / 74P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1172 ABLIC-S-1172 Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com