Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-818A57AUC-BHLT2G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-818A57AUC-BHLT2G
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-818A57AUC-BHLT2G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-818A57AUC-BHLT2G Datasheet HTML 4Page - Seiko Instruments Inc S-818A57AUC-BHLT2G Datasheet HTML 5Page - Seiko Instruments Inc S-818A57AUC-BHLT2G Datasheet HTML 6Page - Seiko Instruments Inc S-818A57AUC-BHLT2G Datasheet HTML 7Page - Seiko Instruments Inc S-818A57AUC-BHLT2G Datasheet HTML 8Page - Seiko Instruments Inc S-818A57AUC-BHLT2G Datasheet HTML 9Page - Seiko Instruments Inc S-818A57AUC-BHLT2G Datasheet HTML 10Page - Seiko Instruments Inc S-818A57AUC-BHLT2G Datasheet HTML 11Page - Seiko Instruments Inc S-818A57AUC-BHLT2G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 Series
Rev.2.1_00
Seiko Instruments Inc.
8
*1.
VOUT(S)
=Specified output voltage
VOUT(E)
=Effective output voltage
i.e., The output voltage when fixing IOUT (
=30 mA) and inputting VOUT(S)+1.0 V.
*2.
Output current at which output voltage becomes 95 % of VOUT(E) after gradually increasing output current.
*3.
Vdrop
=VIN1
*1−(VOUT(E)×0.98)
*1.
The Input voltage at which output voltage becomes 98 % of VOUT(E) after gradually decreasing input
voltage.
*4.
Output voltage shift by temperature [mV/°C] is calculated using the following equation.
[]
[ ]
[] 1000
C
ppm/
V
Ta
V
V
V
C
mV/
Ta
V
OUT
OUT
OUT(S)
OUT
÷
°
×
=
°
3
*
2
*
*1
*1.
Temperature change ratio for output voltage
*2.
Specified output voltage
*3.
Output voltage temperature coefficient
*5.
These figures mean that every part can supply output current at least to these values


Similar Part No. - S-818A57AUC-BHLT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-818A57AUC-BHLT2X ABLIC-S-818A57AUC-BHLT2X Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results

Similar Description - S-818A57AUC-BHLT2G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com