Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF6G27S-45 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF6G27S-45
Description  WiMAX power LDMOS transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF6G27S-45 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF6G27S-45 Datasheet HTML 6Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 7Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 8Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 9Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 10Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 11Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 12Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 13Page - NXP Semiconductors BLF6G27S-45 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BLF6G27-45_BLF6G27S-45_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 7 February 2008
10 of 15
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
[1]
American Technical Ceramics type 100B or capacitor of same quality.
Striplines are on a double copper-clad Taconic RF35 Printed-Circuit Board (PCB) with
εr = 3.5 and thickness = 0.76 mm.
See Table 8 for list of components.
Fig 13. Component layout for 2500 MHz to 2700 MHz test circuit
001aah418
C6
C5
C4
R1
Q1
C3
C10
C11
C12
C13
C7
C9
C8
L1
R2
C14
C2
C1
VGG
VDD
short (0
Ω)
BLF6G27-45
Input-Rev3
BLF6G27-45
Output-Rev3
Table 8.
List of components
For test circuit, see Figure 12 and Figure 13.
Component
Description
Value
Remarks
C1
multilayer ceramic chip capacitor
0.3 pF
[1]
C2
multilayer ceramic chip capacitor
0.5 pF
[1]
C3, C4, C7, C8
multilayer ceramic chip capacitor
11 pF
[1]
C5, C10, C11, C12, C13
multilayer ceramic chip capacitor
4.7
µF
C4532X7R1H475M
C6
tantalum capacitor
10
µF; 35 V
Kemet (Farnell)
C9
multilayer ceramic chip capacitor
8.2 pF
C14
electrolytic capacitor
470
µF; 63 V
L1
ferrite SMD bead
-
Ferroxcube BDS 3/3/4.6-4S2 or equivalent
R1
resistor
22
package 0603
R2
resistor
12
package 1206
Q1
BLF6G27-45 or BLF6G27S-45
-


Similar Part No. - BLF6G27S-45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G27S-45 NXP-BLF6G27S-45 Datasheet
124Kb / 16P
   WiMAX power LDMOS transistor
Rev. 03-15 December 2008
BLF6G27S-45 NXP-BLF6G27S-45 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF6G27S-45 NXP-BLF6G27S-45_08 Datasheet
124Kb / 16P
   WiMAX power LDMOS transistor
Rev. 03-15 December 2008
More results

Similar Description - BLF6G27S-45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G27-10 NXP-BLF6G27-10 Datasheet
117Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-4 February 2009
BLF6G38-10 PHILIPS-BLF6G38-10_15 Datasheet
351Kb / 16P
   WiMAX power LDMOS transistor
Rev. 2-6 January 2015
BLF6G27-135 NXP-BLF6G27-135 Datasheet
100Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-26 May 2008
BLF6G38-50 NXP-BLF6G38-50 Datasheet
93Kb / 12P
   WiMAX power LDMOS transistor
Rev. 01-12 February 2008
BLF6G27S-45 NXP-BLF6G27S-45_08 Datasheet
124Kb / 16P
   WiMAX power LDMOS transistor
Rev. 03-15 December 2008
BLF6G27-10 PHILIPS-BLF6G27-10_15 Datasheet
282Kb / 15P
   WiMAX power LDMOS transistor
Rev. 4-16 December 2014
BLF6G38-25 PHILIPS-BLF6G38-25_15 Datasheet
271Kb / 14P
   WiMAX power LDMOS transistor
Rev. 3-11 March 2013
BLF6G38-10 NXP-BLF6G38-10 Datasheet
111Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-3 February 2009
BLF6G38-25 NXP-BLF6G38-25 Datasheet
104Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-23 December 2008
BLF6G38-50 NXP-BLF6G38-50_10 Datasheet
162Kb / 13P
   WiMAX power LDMOS transistor
Rev. 02-1 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com