Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93A86AD0A-J8T2GB Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-93A86AD0A-J8T2GB
Description  CMOS SERIAL E2PROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93A86AD0A-J8T2GB Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-93A86AD0A-J8T2GB Datasheet HTML 1Page - Seiko Instruments Inc S-93A86AD0A-J8T2GB Datasheet HTML 2Page - Seiko Instruments Inc S-93A86AD0A-J8T2GB Datasheet HTML 3Page - Seiko Instruments Inc S-93A86AD0A-J8T2GB Datasheet HTML 4Page - Seiko Instruments Inc S-93A86AD0A-J8T2GB Datasheet HTML 5Page - Seiko Instruments Inc S-93A86AD0A-J8T2GB Datasheet HTML 6Page - Seiko Instruments Inc S-93A86AD0A-J8T2GB Datasheet HTML 7Page - Seiko Instruments Inc S-93A86AD0A-J8T2GB Datasheet HTML 8Page - Seiko Instruments Inc S-93A86AD0A-J8T2GB Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
CMOS SERIAL E2PROM
S-93A86A
Rev.2.1_00
Seiko Instruments Inc.
4
Absolute Maximum Ratings
Table 3
Item
Symbol
Ratings
Unit
Power supply voltage
VCC
−0.3 to +7.0
V
Input voltage
VIN
−0.3 to VCC +0.3
V
Output voltage
VOUT
−0.3 to VCC
V
Operating ambient temperature
Topr
−40 to +125
°C
Storage temperature
Tstg
−65 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
Recommended Operating Conditions
Table 4
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Power supply voltage
VCC
READ/EWDS
2.7
5.5
V
WRITE/ERASE/
WRAL/ERAL/EWEN
2.7
5.5
V
High level input voltage
VIH
0.8
× VCC
VCC
V
Low level input voltage
VIL
0.0
0.2
× VCC
V
Pin Capacitance
Table 5
(Ta
= 25°C, f = 1.0 MHz, VCC = 5.0 V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Input Capacitance
CIN
VIN
= 0 V
8
pF
Output Capacitance
COUT
VOUT
= 0 V
10
pF


Similar Part No. - S-93A86AD0A-J8T2GB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A86B SII-S-93A86B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A86B ABLIC-S-93A86B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S-93A86BD0A-A8T1U3 SII-S-93A86BD0A-A8T1U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
S-93A86BD0A-A8T1U3 SII-S-93A86BD0A-A8T1U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A86BD0A-A8T1U3 ABLIC-S-93A86BD0A-A8T1U3 Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
More results

Similar Description - S-93A86AD0A-J8T2GB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com