Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1111B52MC-NZLTFG Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-1111B52MC-NZLTFG
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1111B52MC-NZLTFG Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-1111B52MC-NZLTFG Datasheet HTML 2Page - Seiko Instruments Inc S-1111B52MC-NZLTFG Datasheet HTML 3Page - Seiko Instruments Inc S-1111B52MC-NZLTFG Datasheet HTML 4Page - Seiko Instruments Inc S-1111B52MC-NZLTFG Datasheet HTML 5Page - Seiko Instruments Inc S-1111B52MC-NZLTFG Datasheet HTML 6Page - Seiko Instruments Inc S-1111B52MC-NZLTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1111B52MC-NZLTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1111B52MC-NZLTFG Datasheet HTML 9Page - Seiko Instruments Inc S-1111B52MC-NZLTFG Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1111/1121 Series
Rev.4.1_00
Seiko Instruments Inc.
6
4. Product name list (S-1121 Series)
Table 2
Output Voltage
SOT-23-5
1.5V±1.0%
S-1121B15MC-N2ATFG
1.6V±1.0%
S-1121B16MC-N2BTFG
1.7V±1.0%
S-1121B17MC-N2CTFG
1.8V±1.0%
S-1121B18MC-N2DTFG
1.9V±1.0%
S-1121B19MC-N2ETFG
2.0V±1.0%
S-1121B20MC-N2FTFG
2.1V±1.0%
S-1121B21MC-N2GTFG
2.2V±1.0%
S-1121B22MC-N2HTFG
2.3V±1.0%
S-1121B23MC-N2ITFG
2.4V±1.0%
S-1121B24MC-N2JTFG
2.5V±1.0%
S-1121B25MC-N2KTFG
2.6V±1.0%
S-1121B26MC-N2LTFG
2.7V±1.0%
S-1121B27MC-N2MTFG
2.8V±1.0%
S-1121B28MC-N2NTFG
2.9V±1.0%
S-1121B29MC-N2OTFG
3.0V±1.0%
S-1121B30MC-N2PTFG
3.1V±1.0%
S-1121B31MC-N2QTFG
3.2V±1.0%
S-1121B32MC-N2RTFG
3.3V±1.0%
S-1121B33MC-N2STFG
3.4V±1.0%
S-1121B34MC-N2TTFG
3.5V±1.0%
S-1121B35MC-N2UTFG
3.6V±1.0%
S-1121B36MC-N2VTFG
3.7V±1.0%
S-1121B37MC-N2WTFG
3.8V±1.0%
S-1121B38MC-N2XTFG
3.9V±1.0%
S-1121B39MC-N2YTFG
4.0V±1.0%
S-1121B40MC-N2ZTFG
4.1V±1.0%
S-1121B41MC-N3ATFG
4.2V±1.0%
S-1121B42MC-N3BTFG
4.3V±1.0%
S-1121B43MC-N3CTFG
4.4V±1.0%
S-1121B44MC-N3DTFG
4.5V±1.0%
S-1121B45MC-N3ETFG
4.6V±1.0%
S-1121B46MC-N3FTFG
4.7V±1.0%
S-1121B47MC-N3GTFG
4.75V±1.0%
S-1121B4HMC-N3PTFG
4.8V±1.0%
S-1121B48MC-N3HTFG
4.9V±1.0%
S-1121B49MC-N3ITFG
5.0V±1.0%
S-1121B50MC-N3JTFG
5.1V±1.0%
S-1121B51MC-N3KTFG
5.2V±1.0%
S-1121B52MC-N3LTFG
5.3V±1.0%
S-1121B53MC-N3MTFG
5.4V±1.0%
S-1121B54MC-N3NTFG
5.5V±1.0%
S-1121B55MC-N3OTFG
Remark Please contact our sales office for type A products.


Similar Part No. - S-1111B52MC-NZLTFG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
191Kb / 7P
   ROTARY CODED SWITCHES
S-1111A ETC2-S-1111A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
S-1111AW ETC2-S-1111AW Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results

Similar Description - S-1111B52MC-NZLTFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1172 SII-S1172 Datasheet
554Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1135 SII-S1135 Datasheet
924Kb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1701 SII-S1701 Datasheet
935Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1165 SII-S1165 Datasheet
397Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S13A1 SII-S13A1 Datasheet
1Mb / 75P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1112 SII-S1112 Datasheet
664Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1170 SII-S1170 Datasheet
685Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
SL2980 SII-SL2980 Datasheet
367Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com