Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1111B51MC-NZKTFG Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1111B51MC-NZKTFG
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1111B51MC-NZKTFG Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1111B51MC-NZKTFG Datasheet HTML 1Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 2Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 3Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 4Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 5Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 6Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Rev.4.1_00
HIGH RIPPLE-REJECTION LOW DROPOUT
CMOS VOLTAGE REGULATOR
S-1111/1121 Series
Seiko Instruments Inc.
1
The S-1111/1121 Series is a positive voltage
regulator with a low dropout voltage, high output
voltage accuracy, and low current consumption
developed based on CMOS technology.
A built-in low on-resistance transistor provides a
low dropout voltage and large output current, and a
built-in overcurrent protector prevents the load
current from exceeding the current capacitance of
the output transistor. An ON/OFF circuit ensures a
long battery life, and a small SOT-23-5 package
realize high-density mounting. The lineup includes
the S-1111 and S-1121 Series, which differ in pin
configuration.
Features
• Output voltage:
1.5 V to 5.5 V, selectable in 0.1 V steps.
• High-accuracy output voltage: ±1.0%
• Low dropout voltage:
200 mV typ. (3.0 V output product, IOUT = 100 mA)
• Low current consumption:
During operation: 35
μA typ., 65 μA max.
During shutdown: 0.1
μA typ., 1.0 μA max.
• High peak current capability:
150 mA output is possible (at VIN ≥ VOUT(S) + 1.0 V)
*1
• Built-in ON/OFF circuit:
Ensures long battery life.
• High ripple rejection:
70 dB typ. (at 1.0 kHz)
• Built-in overcurrent protector: Overcurrent of output transistor can be restricted.
• Small package:
SOT-23-5
• Lead-free products
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Power supply for battery-powered devices
• Power supply for personal communication devices
• Power supply for home electric/electronic appliances
• Power supply for cellular phones
Package
Package Name
Drawing Code
Package
Tape
Reel
SOT-23-5
MP005-A
MP005-A
MP005-A


Similar Part No. - S-1111B51MC-NZKTFG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
191Kb / 7P
   ROTARY CODED SWITCHES
S-1111A ETC2-S-1111A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
S-1111AW ETC2-S-1111AW Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results

Similar Description - S-1111B51MC-NZKTFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1172 SII-S1172 Datasheet
554Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1135 SII-S1135 Datasheet
924Kb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1701 SII-S1701 Datasheet
935Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1165 SII-S1165 Datasheet
397Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S13A1 SII-S13A1 Datasheet
1Mb / 75P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1112 SII-S1112 Datasheet
664Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1170 SII-S1170 Datasheet
685Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
SL2980 SII-SL2980 Datasheet
367Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com