Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-818A59AMC-BHNT2G Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-818A59AMC-BHNT2G
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-818A59AMC-BHNT2G Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-818A59AMC-BHNT2G Datasheet HTML 7Page - Seiko Instruments Inc S-818A59AMC-BHNT2G Datasheet HTML 8Page - Seiko Instruments Inc S-818A59AMC-BHNT2G Datasheet HTML 9Page - Seiko Instruments Inc S-818A59AMC-BHNT2G Datasheet HTML 10Page - Seiko Instruments Inc S-818A59AMC-BHNT2G Datasheet HTML 11Page - Seiko Instruments Inc S-818A59AMC-BHNT2G Datasheet HTML 12Page - Seiko Instruments Inc S-818A59AMC-BHNT2G Datasheet HTML 13Page - Seiko Instruments Inc S-818A59AMC-BHNT2G Datasheet HTML 14Page - Seiko Instruments Inc S-818A59AMC-BHNT2G Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_00
S-818 Series
Seiko Instruments Inc.
11
4. Load regulation (
∆VOUT3)
Load regulation indicates the output current dependence of output voltage. The value shows how much
the output voltage changes due to the change of the output current when the input voltage is kept
constant.
5. Dropout voltage (Vdrop)
Let VIN1 be an input voltage where the output voltage falls to the 98 % of the actual output voltage
(VOUT(E)) when gradually decreasing input voltage. The dropout voltage is the difference between the VIN1
and the resultant output voltage defined as following equation.
Vdrop
=VIN1−(VOUT(E)×0.98)
6. Temperature coefficient of output voltage
OUT
OUT
V
∆Ta
∆V
The output voltage lies in the shaded area in the whole operating temperature shown in Figure 11 when
the temperature coefficient of the output voltage is
±100 ppm/°C.
−40
25
+0.28mV/°C
VOUT [V]
VOUT(E)
*1
85
Ta [
°C]
−0.28mV/°C
*1.
The value of the output voltage measured at 25
°C.
Figure 11 Temperature coefficient of output voltage (Ex. Typ. product for S-818A28A)
Temperature change ratio for output voltage [mV/°C] is calculated by using the following equation.
[]
[ ]
[] 1000
C
ppm/
V
Ta
V
V
V
C
mV/
Ta
V
OUT
OUT
OUT(S)
OUT
÷
°
×
=
°
3
*
2
*
*1
*1.
Temperature change ratio for output voltage
*2.
Specified output voltage
*3.
Output voltage temperature coefficient


Similar Part No. - S-818A59AMC-BHNT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-818A59AMC-BHNT2X ABLIC-S-818A59AMC-BHNT2X Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results

Similar Description - S-818A59AMC-BHNT2G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com