Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-814A31AUC-BCVT2G Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-814A31AUC-BCVT2G
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-814A31AUC-BCVT2G Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-814A31AUC-BCVT2G Datasheet HTML 1Page - Seiko Instruments Inc S-814A31AUC-BCVT2G Datasheet HTML 2Page - Seiko Instruments Inc S-814A31AUC-BCVT2G Datasheet HTML 3Page - Seiko Instruments Inc S-814A31AUC-BCVT2G Datasheet HTML 4Page - Seiko Instruments Inc S-814A31AUC-BCVT2G Datasheet HTML 5Page - Seiko Instruments Inc S-814A31AUC-BCVT2G Datasheet HTML 6Page - Seiko Instruments Inc S-814A31AUC-BCVT2G Datasheet HTML 7Page - Seiko Instruments Inc S-814A31AUC-BCVT2G Datasheet HTML 8Page - Seiko Instruments Inc S-814A31AUC-BCVT2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_00
S-814 Series
Seiko Instruments Inc.
5
Pin Configurations
Table 2
Pin No.
Symbol
Pin description
1
VIN
Voltage input pin
2
VSS
GND pin
3
ON/OFF
Shutdown pin
4
NC
*1
No connection
5
VOUT
Voltage output pin
SOT-23-5
Top view
5
4
3
2
1
*1. The NC pin is electrically open.
The NC pin can be connected to VIN or VSS.
Figure 2
Table 3
Pin No.
Symbol
Pin description
1
VOUT
Voltage output pin
2
VSS
GND pin
3
NC
*1
No connection
4
ON/OFF
Shutdown pin
5
VIN
Voltage input pin
SOT-89-5
Top view
1
3
2
4
5
*1. The NC pin is electrically open.
The NC pin can be connected to VIN or VSS.
Figure 3


Similar Part No. - S-814A31AUC-BCVT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8100 SII-S-8100 Datasheet
284Kb / 6P
   CMOS TEMPERATURE COMPENSATION IC
logo
Cooper Bussmann, Inc.
S-8100 COOPER-S-8100 Datasheet
129Kb / 2P
   1/4 x 11/4 Fuse Blocks
S-8100 COOPER-S-8100 Datasheet
69Kb / 2P
   1/4x1-1/4 Fuseblocks
S-8100 COOPER-S-8100 Datasheet
120Kb / 2P
   S-8000 Series
S-8100 COOPER-S-8100 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
More results

Similar Description - S-814A31AUC-BCVT2G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com