Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80809CNPF-B9NTFG Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # S-80809CNPF-B9NTFG
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80809CNPF-B9NTFG Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button S-80809CNPF-B9NTFG Datasheet HTML 26Page - Seiko Instruments Inc S-80809CNPF-B9NTFG Datasheet HTML 27Page - Seiko Instruments Inc S-80809CNPF-B9NTFG Datasheet HTML 28Page - Seiko Instruments Inc S-80809CNPF-B9NTFG Datasheet HTML 29Page - Seiko Instruments Inc S-80809CNPF-B9NTFG Datasheet HTML 30Page - Seiko Instruments Inc S-80809CNPF-B9NTFG Datasheet HTML 31Page - Seiko Instruments Inc S-80809CNPF-B9NTFG Datasheet HTML 32Page - Seiko Instruments Inc S-80809CNPF-B9NTFG Datasheet HTML 33Page - Seiko Instruments Inc S-80809CNPF-B9NTFG Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.4.3_00
30
Seiko Instruments Inc.
3. Current Consumption (ISS) - Input Voltage (VDD)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1.0
2.0
3.0
4.0
5.0
6.0
VDD (V)
S-80808CL
9.3
µA
Ta=25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1.0
2.0
3.0
4.0
5.0
6.0
VDD (V)
S-80814CL
21.5
µA
Ta=25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2.0
4.0
6.0
8.0
10.0
12.0
VDD (V)
S-80815CL
4.7
µA
Ta=25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2.0
4.0
6.0
8.0
10.0
12.0
VDD (V)
S-80860CL
12.8
µA
Ta=25°C
4. Current Consumption (ISS) - Temperature (Ta)
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
Ta (°C)
S-80808CL
VDD
=1.5 V
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
Ta (°C)
S-80814CL
VDD
=2.0 V
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
Ta (°C)
S-80815CL
VDD
=3.5 V
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
Ta (°C)
S-80860CL
VDD
=7.5 V


Similar Part No. - S-80809CNPF-B9NTFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80809CNPF-B9NTFG SII-S-80809CNPF-B9NTFG Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results

Similar Description - S-80809CNPF-B9NTFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com