Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-814A57AMC-BDVT2G Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-814A57AMC-BDVT2G
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-814A57AMC-BDVT2G Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-814A57AMC-BDVT2G Datasheet HTML 3Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 4Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 5Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 6Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 7Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 8Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 9Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 10Page - Seiko Instruments Inc S-814A57AMC-BDVT2G Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_00
S-814 Series
Seiko Instruments Inc.
7
Electrical Characteristics
Table 5
(Ta
=25°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Units
Test
circuit
Output voltage
*1
VOUT(E)
VIN=VOUT(S)+1 V, IOUT=30 mA
VOUT(S)
×0.98
VOUT(S) VOUT(S)
×1.02
V
1
2.0 V
≤V
OUT(S)≤2.9 V
100
*3
mA
3
3.0 V
≤V
OUT(S)≤3.9 V
110
*3
mA
3
4.0 V
≤V
OUT(S)≤4.9 V
135
*3
mA
3
Output current
*2
IOUT
VOUT(S)+1 V≤VIN≤10 V
5.0 V
≤V
OUT(S)≤6.0 V
180
*3
mA
3
2.0 V
≤V
OUT(S)≤2.4 V
0.51
0.87
V
1
2.5 V
≤V
OUT(S)≤2.9 V
0.38
0.61
V
1
3.0 V
≤V
OUT(S)≤3.4 V
0.30
0.44
V
1
3.5 V
≤V
OUT(S)≤3.9 V
0.24
0.33
V
1
4.0 V
≤V
OUT(S)≤4.4 V
0.20
0.26
V
1
4.5 V
≤V
OUT(S)≤4.9 V
0.18
0.22
V
1
5.0 V
≤V
OUT(S)≤5.4 V
0.17
0.21
V
1
Dropout voltage
*4
Vdrop
IOUT=60 mA
5.5 V
≤V
OUT(S)≤6.0 V
0.17
0.20
V
1
Line regulation 1
OUT
IN
1
OUT
V
V
Δ
V
Δ
VOUT(S)+0.5 V≤VIN≤10 V, IOUT=30 mA
0.05
0.2
%/V
1
Line regulation 2
OUT
IN
2
OUT
V
V
Δ
V
Δ
VOUT(S)+0.5 V≤VIN≤10 V, IOUT=10 μA
0.05
0.2
%/V
1
Load regulation
ΔV
OUT3
VIN=VOUT(S)+1 V, 10 μA≤IOUT≤80 mA
30
50
mV
1
Output voltage
temperature
cofficient
*5
OUT
OUT
V
Ta
Δ
V
Δ
VIN=VOUT(S)+1 V, IOUT=30 mA,
−40°C≤Ta≤85°C
±100
ppm/
°C
1
Current
consumption during
operation
ISS1
VIN=VOUT(S)+1 V, ON/OFF pin=ON, No load
30
40
μA
2
Current
consumption during
shutdown
ISS2
VIN=VOUT(S)+1 V, ON/OFF pin=OFF, No load
0.1
0.5
μA
2
Input voltage
VIN
10
V
1
ON/OFF pin input
voltage “H”
VSH
VIN=VOUT(S)+1 V, RL=1 kΩ,
Judged at VOUT level
1.5
V
4
ON/OFF pin input
voltage “L”
VSL
VIN=VOUT(S)+1 V, RL=1 kΩ,
Judged at VOUT level
0.3
V
4
ON/OFF pin input
current “H”
ISH
VIN=VOUT(S)+1 V, VON/OFF=7 V
−0.1
0.1
μA
4
ON/OFF pin input
current “L”
ISL
VIN=VOUT(S)+1 V, VON/OFF=0 V
−0.1
0.1
μA
4
Short current limit
IOS
VIN=VOUT(S)+1 V, VOUT pin=0 V
70
mA
3
Ripple rejection
RR
VIN=VOUT(S)+1 V, f=100 Hz, ΔVrip=0.5 Vrms,
IOUT=30 mA
45
dB
5
*1. VOUT(E): Effective output voltage
i.e., The output voltage when fixing IOUT(=30 mA) and inputting VOUT(S)+1.0 V.
VOUT(S): Specified output voltage
*2. Output amperage when output voltage goes below 95 % of VOUT(E) after gradually increasing output current.
*3. The output current can be at least this value.
Use load amperage not exceeding this value.


Similar Part No. - S-814A57AMC-BDVT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8100 SII-S-8100 Datasheet
284Kb / 6P
   CMOS TEMPERATURE COMPENSATION IC
logo
Cooper Bussmann, Inc.
S-8100 COOPER-S-8100 Datasheet
129Kb / 2P
   1/4 x 11/4 Fuse Blocks
S-8100 COOPER-S-8100 Datasheet
69Kb / 2P
   1/4x1-1/4 Fuseblocks
S-8100 COOPER-S-8100 Datasheet
120Kb / 2P
   S-8000 Series
S-8100 COOPER-S-8100 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
More results

Similar Description - S-814A57AMC-BDVT2G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com