Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C66BR0I-I8T1G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-93C66BR0I-I8T1G
Description  CMOS SERIAL E2PROM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C66BR0I-I8T1G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-93C66BR0I-I8T1G Datasheet HTML 1Page - Seiko Instruments Inc S-93C66BR0I-I8T1G Datasheet HTML 2Page - Seiko Instruments Inc S-93C66BR0I-I8T1G Datasheet HTML 3Page - Seiko Instruments Inc S-93C66BR0I-I8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-93C66BR0I-I8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-93C66BR0I-I8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-93C66BR0I-I8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-93C66BR0I-I8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-93C66BR0I-I8T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Rev.4.3_00
CMOS SERIAL E2PROM
S-93C46B/56B/66B
Seiko Instruments Inc.
1
The S-93C46B/56B/66B is a high speed, low current
consumption, 1/2/4 K-bit serial E
2PROM with a wide
operating voltage range. It is organized as 64-word
× 16-
bit, 128-word
× 16-bit, 256-word × 16-bit, respectively.
Each is capable of sequential read, at which time
addresses are automatically incremented in 16-bit
blocks.
The instruction code is compatible with the
NM93CS46/56/66.
Features
• Low current consumption
Standby:
1.5
µA Max. (VCC = 5.5 V)
Operating: 0.8 mA Max. (VCC
= 5.5 V)
0.4 mA Max. (VCC
= 2.5 V)
• Wide operating voltage range Read:
1.8 to 5.5 V (at
−40 to +85°C)
Write:
2.7 to 5.5 V (at
−40 to +85°C)
• Sequential read capable
• Write disable function when power supply voltage is low
• Function to protect against write due to erroneous instruction recognition
• Endurance:
10
7 cycles/word*1 (at +25°C) write capable,
10
6 cycles/word*1 (at +85°C)
3
× 10
5 cycles/word*1 (at +105°C)
*1. For each address (Word: 16 bits)
• Data retention: 10 years (after rewriting 10
6 cycles/word at +85°C)
• S-93C46B:
1 K-bit NM93CS46 instruction code compatible
• S-93C56B:
2 K-bit NM93CS56 instruction code compatible
• S-93C66B:
4 K-bit NM93CS66 instruction code compatible
• High-temperature operation: +105°C Max. supported
(Only S-93Cx6BD0H-J8T2G, S-93Cx6BD0H-T8T2G)
• Lead-free products
Packages
Drawing code
Package name
Package
Tape
Reel
Land
8-Pin DIP
DP008-F
8-Pin SOP(JEDEC)
FJ008-A
FJ008-D
FJ008-D
8-Pin TSSOP
FT008-A
FT008-E
FT008-E
SNT-8A
PH008-A
PH008-A
PH008-A
PH008-A
Caution This product is intended to use in general electronic devices such as consumer electronics,
office equipment, and communications devices. Before using the product in medical
equipment or automobile equipment including car audio, keyless entry and engine control
unit, contact to SII is indispensable.


Similar Part No. - S-93C66BR0I-I8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C66BR0I-I8T1G SII-S-93C66BR0I-I8T1G Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
More results

Similar Description - S-93C66BR0I-I8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com