Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C46BR0I-T8T2G Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-93C46BR0I-T8T2G
Description  CMOS SERIAL E2PROM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C46BR0I-T8T2G Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-93C46BR0I-T8T2G Datasheet HTML 1Page - Seiko Instruments Inc S-93C46BR0I-T8T2G Datasheet HTML 2Page - Seiko Instruments Inc S-93C46BR0I-T8T2G Datasheet HTML 3Page - Seiko Instruments Inc S-93C46BR0I-T8T2G Datasheet HTML 4Page - Seiko Instruments Inc S-93C46BR0I-T8T2G Datasheet HTML 5Page - Seiko Instruments Inc S-93C46BR0I-T8T2G Datasheet HTML 6Page - Seiko Instruments Inc S-93C46BR0I-T8T2G Datasheet HTML 7Page - Seiko Instruments Inc S-93C46BR0I-T8T2G Datasheet HTML 8Page - Seiko Instruments Inc S-93C46BR0I-T8T2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
CMOS SERIAL E2PROM
Rev.4.3_00
S-93C46B/56B/66B
Seiko Instruments Inc.
3
8-Pin SOP(JEDEC) (Rotated)
Top view
Table 3
Pin No.
Symbol
Description
1
NC
No connection
2
VCC
Power supply
3
CS
Chip select input
4
SK
Serial clock input
5
DI
Serial data input
6
DO
Serial data output
7
GND
Ground
8
TEST
*1
Test
*1. Connect to GND or VCC.
Even if this pin is not connected, performance is not affected
so long as the absolute maximum rating is not exceeded.
1
2
3
4
8
7
6
5
CS
SK
TEST
GND
DO
DI
VCC
NC
Figure 3
S-93C46BR0I-J8T1G
S-93C56BR0I-J8T1G
S-93C66BR0I-J8T1G
Remark See Dimensions for details of the package drawings.
8-Pin TSSOP
Top view
Table 4
Pin No.
Symbol
Description
1
CS
Chip select input
2
SK
Serial clock input
3
DI
Serial data input
4
DO
Serial data output
5
GND
Ground
6
TEST
*1
Test
7
NC
No connection
8
VCC
Power supply
*1. Connect to GND or VCC.
Even if this pin is not connected, performance is not affected
so long as the absolute maximum rating is not exceeded.
1
2
3
4
8
7
6
5
VCC
NC
TEST
GND
CS
SK
DO
DI
Figure 4
S-93C46BD0I-T8T1G
S-93C46BD0H-T8T2G
S-93C56BD0I-T8T1G
S-93C56BD0H-T8T2G
S-93C66BD0I-T8T1G
S-93C66BD0H-T8T2G
Remark See Dimensions for details of the package drawings.


Similar Part No. - S-93C46BR0I-T8T2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46BR0I-T8T1G SII-S-93C46BR0I-T8T1G Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
S-93C46BR0I-T8T1U SII-S-93C46BR0I-T8T1U Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
More results

Similar Description - S-93C46BR0I-T8T2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com