Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93L46AD01-T8T1G Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-93L46AD01-T8T1G
Description  LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93L46AD01-T8T1G Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-93L46AD01-T8T1G Datasheet HTML 1Page - Seiko Instruments Inc S-93L46AD01-T8T1G Datasheet HTML 2Page - Seiko Instruments Inc S-93L46AD01-T8T1G Datasheet HTML 3Page - Seiko Instruments Inc S-93L46AD01-T8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-93L46AD01-T8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-93L46AD01-T8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-93L46AD01-T8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-93L46AD01-T8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-93L46AD01-T8T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
Rev.3.1_00
S-93L46A/56A/66A
Seiko Instruments Inc.
5
Block Diagram
Memory array
Data register
Address
decoder
Mode decode logic
Clock pulse
monitoring circuit
Output buffer
VCC
GND
DO
DI
CS
Clock generator
Voltage detector
SK
Figure 7
Instruction Sets
1. S-93L46A
Table 7
Start Bit
Operation
Code
Address
Data
Instruction
SK input clock
1
2
3
4
5
6
7
8
9
10 to 25
READ (Read data)
1
1
0
A5
A4
A3
A2
A1
A0
D15 to D0 Output
*1
WRITE (Write data)
1
0
1
A5
A4
A3
A2
A1
A0
D15 to D0 Input
ERASE (Erase data)
1
1
1
A5
A4
A3
A2
A1
A0
WRAL (Write all)
1
0
0
0
1
x
x
x
x
D15 to D0 Input
ERAL (Erase all)
1
0
0
1
0
x
x
x
x
EWEN (Write enable)
1
0
0
1
1
x
x
x
x
EWDS (Write disable)
1
0
0
0
0
x
x
x
x
*1. When the 16-bit data in the specified address has been output, the data in the next address is output.
Remark x: Don’t care


Similar Part No. - S-93L46AD01-T8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93L76A SII-S-93L76A Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-I8T1G SII-S-93L76AD0I-I8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-J8T1G SII-S-93L76AD0I-J8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-K8T3U SII-S-93L76AD0I-K8T3U Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
S-93L76AD0I-T8T1G SII-S-93L76AD0I-T8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
More results

Similar Description - S-93L46AD01-T8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93L76A SII-S-93L76A Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-25A080A SII-S-25A080A Datasheet
362Kb / 31P
   125째C OPERATION SPI SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com