Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93L46AR01-I8T1G Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-93L46AR01-I8T1G
Description  LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93L46AR01-I8T1G Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-93L46AR01-I8T1G Datasheet HTML 1Page - Seiko Instruments Inc S-93L46AR01-I8T1G Datasheet HTML 2Page - Seiko Instruments Inc S-93L46AR01-I8T1G Datasheet HTML 3Page - Seiko Instruments Inc S-93L46AR01-I8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-93L46AR01-I8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-93L46AR01-I8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-93L46AR01-I8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-93L46AR01-I8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-93L46AR01-I8T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L46A/56A/66A
Rev.3.1_00
Seiko Instruments Inc.
4
WLP-7D
Bottom view
Table 5
Pin Number
Pin Name
Function
1
CS
Chip select input
2
DI
Serial data input
3
VCC
Power supply
4
TEST
*1
Test
5
GND
Ground
6
DO
Serial data output
7
SK
Serial clock input
*1. Connect to GND or VCC.
Even if this pin is not connected, performance is not affected
so long as the absolute maximum rating is not exceeded.
1
2
3
4
5
6
7
VCC
DI
TEST
CS
SK
GND
DO
(1.49
× 1.27 × 0.6 max.)
Figure 5
S-93L66AD0I-H7T1
Remark See Dimensions for details of the package drawings.
WLP-7D
(Low profile 0.39 mm max.)
Bottom view
Table 6
Pin Number
Pin Name
Function
1
CS
Chip select input
2
DI
Serial data input
3
VCC
Power supply
4
TEST
*1
Test
5
GND
Ground
6
DO
Serial data output
7
SK
Serial clock input
*1. Connect to GND or VCC.
Even if this pin is not connected, performance is not affected
so long as the absolute maximum rating is not exceeded.
1
2
3
4
5
6
7
VCC
DI
TEST
CS
SK
GND
DO
(1.49
× 1.27 × 0.39 max.)
Figure 6
S-93L66AD0I-H7T3
Remark See Dimensions for details of the package drawings.


Similar Part No. - S-93L46AR01-I8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93L76A SII-S-93L76A Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-I8T1G SII-S-93L76AD0I-I8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-J8T1G SII-S-93L76AD0I-J8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S-93L76AD0I-K8T3U SII-S-93L76AD0I-K8T3U Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
S-93L76AD0I-T8T1G SII-S-93L76AD0I-T8T1G Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
More results

Similar Description - S-93L46AR01-I8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93L76A SII-S-93L76A Datasheet
437Kb / 34P
   LOW VOLTAGE OPERATION CMOS SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-25A080A SII-S-25A080A Datasheet
362Kb / 31P
   125째C OPERATION SPI SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com