Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C86BD4I-T8T1G Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-93C86BD4I-T8T1G
Description  CMOS SERIAL E2PROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C86BD4I-T8T1G Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-93C86BD4I-T8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 9Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 10Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 11Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 12Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 13Page - Seiko Instruments Inc S-93C86BD4I-T8T1G Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CMOS SERIAL E2PROM
S-93C86B
Rev.2.2_00
Seiko Instruments Inc.
10
3. Reading (READ)
The READ instruction reads data from a specified address.
After CS has gone high, input an instruction in the order of the start bit, read instruction, and address.
Since the last input address (A0) has been latched, the output status of the DO pin changes from high
impedance (Hi-Z) to low, which is held until the next rise of SK. 16-bit data starts to be output in
synchronization with the next rise of SK.
3.1 Sequential read
After the 16-bit data at the specified address has been output, inputting SK while CS is high
automatically increments the address, and causes the 16-bit data at the next address to be output
sequentially. The above method makes it possible to read the data in the whole memory space.
The last address (A9
A1 A0
= 1
1 1) rolls over to the top address (A9
A1 A0
= 0
0 0).
SK
D13
D15
0
D14
D14 D13
D0
D1
D2
D15
D14
D0
D1
D2
D13
D15
43
42
45
46
44
30
29
28
27
26
A5
A6
A7
A2
A3
A4
DI
13
11
10
9
8
7
6
5
4
3
2
1
12
CS
DO
A8
47
31
14
Hi
-Z
ADRINC
Hi-Z
0
1
<1>
ADRINC
A9
A0
A1
15
16
Figure 5 Read Timing


Similar Part No. - S-93C86BD4I-T8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C86C SII-S-93C86C Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
S-93C86C SII-S-93C86C Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C86C ABLIC-S-93C86C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S-93C86CD0H-A8T1U3 SII-S-93C86CD0H-A8T1U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
S-93C86CD0H-A8T1U3 SII-S-93C86CD0H-A8T1U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results

Similar Description - S-93C86BD4I-T8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com