Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTV32F Datasheet(PDF) 10 Page - STMicroelectronics

Part # DTV32F
Description  CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV32F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button DTV32F Datasheet HTML 2Page - STMicroelectronics DTV32F Datasheet HTML 3Page - STMicroelectronics DTV32F Datasheet HTML 4Page - STMicroelectronics DTV32F Datasheet HTML 5Page - STMicroelectronics DTV32F Datasheet HTML 6Page - STMicroelectronics DTV32F Datasheet HTML 7Page - STMicroelectronics DTV32F Datasheet HTML 8Page - STMicroelectronics DTV32F Datasheet HTML 9Page - STMicroelectronics DTV32F Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
PACKAGE DATA
ISOWATT220AC (plastic)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
2.50
2.70
0.098
0.106
D
2.40
2.75
0.094
0.108
E
0.40
0.70
0.016
0.028
F
0.75
1.00
0.030
0.039
F1
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
H
10.00
10.40 0.394
0.409
L2
16.00
0.630
L3
28.60
30.60 1.125
1.205
L6
15.90
16.40 0.626
0.646
L7
9.00
9.30
0.354
0.366
Diam
3.00
3.20
0.118
0.126
Cooling method : C.
Torque value : 0.55 m.N typ (0.70 m.N max).
Electrical isolation : 2000V DC
Capacitance : 12 pF
F
G
F1
H
D
E
A
B
L7
L2
L6
L3
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
DTV16D
DTV32D
DTV56D
DTV64D
DTV82D
DTV110D
DTV16D
DTV32D
DTV56D
DTV64D
DTV82D
DTV110D
TO-220AC
1.86g
50
Tube
DTV16F
DTV32F
DTV56F
DTV64F
DTV82F
DTV110F
DTV16F
DTV32F
DTV56F
DTV64F
DTV82F
DTV110F
ISOWATT220AC
2g
50
Tube
Epoxy meets UL94, V0
DTVseries
10/10


Similar Part No. - DTV32F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DTV32F VISHAY-DTV32F Datasheet
146Kb / 4P
   High Voltage Damper Diodes
02-Nov-04
DTV32F VISHAY-DTV32F Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
DTV32F VISHAY-DTV32F Datasheet
123Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV32F-E3-45 VISHAY-DTV32F-E3-45 Datasheet
123Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV32F-E3/45 VISHAY-DTV32F-E3/45 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
More results

Similar Description - DTV32F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DTV1500LFP STMICROELECTRONICS-DTV1500LFP Datasheet
42Kb / 5P
   (CRT HORIZONTAL DEFLECTION) HIGH VOLTAGE DAMPER DIODE
DTV1500HXX STMICROELECTRONICS-DTV1500HXX Datasheet
89Kb / 8P
   CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
DTV1500MXX STMICROELECTRONICS-DTV1500MXX Datasheet
90Kb / 8P
   CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
DTV32G-1500B STMICROELECTRONICS-DTV32G-1500B Datasheet
85Kb / 6P
   CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
logo
Sanyo Semicon Device
2SC3176 SANYO-2SC3176 Datasheet
73Kb / 3P
   CRT Horizontal Deflection Output Applications (with Damper Diode)
logo
Fairchild Semiconductor
KSC5802 FAIRCHILD-KSC5802 Datasheet
85Kb / 5P
   High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
logo
KEC(Korea Electronics)
KSC5803 KEC-KSC5803 Datasheet
90Kb / 5P
   High Voltage Color Display Horizontal Deflection Output(No Damper Diode)
logo
Fairchild Semiconductor
KSD5703 FAIRCHILD-KSD5703 Datasheet
69Kb / 5P
   High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
KSD5702 FAIRCHILD-KSD5702 Datasheet
80Kb / 5P
   High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
KSC5801 FAIRCHILD-KSC5801 Datasheet
79Kb / 6P
   High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com