Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C86B Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-93C86B
Description  CMOS SERIAL E2PROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C86B Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-93C86B Datasheet HTML 1Page - Seiko Instruments Inc S-93C86B Datasheet HTML 2Page - Seiko Instruments Inc S-93C86B Datasheet HTML 3Page - Seiko Instruments Inc S-93C86B Datasheet HTML 4Page - Seiko Instruments Inc S-93C86B Datasheet HTML 5Page - Seiko Instruments Inc S-93C86B Datasheet HTML 6Page - Seiko Instruments Inc S-93C86B Datasheet HTML 7Page - Seiko Instruments Inc S-93C86B Datasheet HTML 8Page - Seiko Instruments Inc S-93C86B Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
CMOS SERIAL E2PROM
S-93C86B
Rev.2.2_00
Seiko Instruments Inc.
4
Instruction Sets
Table 3
Instruction
Start Bit
Operation Code
Address
Data
SK input clock
1
2
3
4
5
6
7
8
9 10 11 12 13
14 to 29
READ (Read data)
1
1
0
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 D15 to D0 Output
*1
WRITE (Write data)
1
0
1
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 D15 to D0 Input
ERASE (Erase data)
1
1
1
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
WRAL (Write all)
1
0
0
0
1
x
x
x
x
x
x
x
x
D15 to D0 Input
ERAL (Erase all)
1
0
0
1
0
x
x
x
x
x
x
x
x
EWEN (Write enable)
1
0
0
1
1
x
x
x
x
x
x
x
x
EWDS (Write disable)
1
0
0
0
0
x
x
x
x
x
x
x
x
*1. When the 16-bit data in the specified address has been output, the data in the next address is output.
Remark x: Don’t care


Similar Part No. - S-93C86B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C86C SII-S-93C86C Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
S-93C86C SII-S-93C86C Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C86C ABLIC-S-93C86C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S-93C86CD0H-A8T1U3 SII-S-93C86CD0H-A8T1U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
S-93C86CD0H-A8T1U3 SII-S-93C86CD0H-A8T1U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results

Similar Description - S-93C86B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com