Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-75V86ANC Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-75V86ANC
Description  MINI LOGIC SERIES 2 INPUT NAND GATE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-75V86ANC Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-75V86ANC Datasheet HTML 4Page - Seiko Instruments Inc S-75V86ANC Datasheet HTML 5Page - Seiko Instruments Inc S-75V86ANC Datasheet HTML 6Page - Seiko Instruments Inc S-75V86ANC Datasheet HTML 7Page - Seiko Instruments Inc S-75V86ANC Datasheet HTML 8Page - Seiko Instruments Inc S-75V86ANC Datasheet HTML 9Page - Seiko Instruments Inc S-75V86ANC Datasheet HTML 10Page - Seiko Instruments Inc S-75V86ANC Datasheet HTML 11Page - Seiko Instruments Inc S-75V86ANC Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
MINI LOGIC SERIES 2 INPUT NOR GATE
S-75V02ANC
Rev.2.2_00
Seiko Instruments Inc.
8
AC Characteristics
Input
tr = tf = 3 ns (unless otherwise specified)
Parameter
Symbol
Measurement Conditions
Ta=25
°C
Ta=-40 to 85
°CUnit
VCC(V)
CL(pF)
MIN.
TYP.
MAX.
MIN.
MAX.
3.3
±0.3
15
5.6
7.9
1.0
9.5
tPLH,
50
10.0
14.0
1.0
15.0
tPHL
5.0
±0.5
15
3.6
5.5
1.0
6.5
Propagation Delay Time
50
5.7
8.0
1.0
9.0
ns
Input Capacitance
CIN
4
10
10
pF
Equiv. Int. Capacitance
CPD
*1
15
pF
*1.
CPD is the no-load equivalent capacitance inside the circuitry. Refer to the measurement circuit shown
below.
Current consumption is averaged by the following equation.
ICC(opr)=CPD VCC fin+ICC
Measurement Circuit
VIN
CL
50
VOUT
PG
tPLH
50%
50%
10%
90%
tPHL
3 ns
VIN
VOUT
3 ns
GND
VCC
VOL
VOH
50%
Remark
No-load output during measurement of current consumption.
Input Pin Equivalent Circuit
Input pin


Similar Part No. - S-75V86ANC

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-75V04ANC SII-S-75V04ANC Datasheet
78Kb / 7P
   INVERTER fabricated by utilizing advanced
S-75V04ANC-5V5-T2 SII-S-75V04ANC-5V5-T2 Datasheet
78Kb / 7P
   INVERTER fabricated by utilizing advanced
More results

Similar Description - S-75V86ANC

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G00 PERICOM-PI74ST1G00 Datasheet
338Kb / 4P
   SOTiny Logic 2-Input NAND Gate
logo
ELM Technology Corporat...
ELM7S00B ELM-TECH-ELM7S00B Datasheet
596Kb / 3P
   CMOS LOGIC IC 2-input NAND gate
logo
Renesas Technology Corp
HD74LV1GT00A RENESAS-HD74LV1GT00A Datasheet
101Kb / 7P
   2-input NAND Gate / CMOS Logic Level Shiftereg
logo
ON Semiconductor
MC74VHC1GT00 ONSEMI-MC74VHC1GT00 Datasheet
188Kb / 8P
   2-Input NAND Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
ELM Technology Corporat...
ELM7S00B ELM-TECH-ELM7S00B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S00B 2-input NAND gate
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com