Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP50-02 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAP50-02
Description  General purpose PIN diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP50-02 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAP50-02 Datasheet HTML 1Page - NXP Semiconductors BAP50-02 Datasheet HTML 2Page - NXP Semiconductors BAP50-02 Datasheet HTML 3Page - NXP Semiconductors BAP50-02 Datasheet HTML 4Page - NXP Semiconductors BAP50-02 Datasheet HTML 5Page - NXP Semiconductors BAP50-02 Datasheet HTML 6Page - NXP Semiconductors BAP50-02 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NXP Semiconductors
Product specification
General purpose PIN diode
BAP50-02
FEATURES
• Low diode capacitance
• Low diode forward resistance.
APPLICATIONS
• General RF applications.
DESCRIPTION
General purpose PIN diode in a SOD523 small SMD
plastic package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
handbook, halfpage
12

Top view
MAM405
Fig.1 Simplified outline (SOD523) and symbol.
Marking code: K4.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
50
V
IF
continuous forward current
50
mA
Ptot
total power dissipation
Ts =90 °C
715
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Rev. 02 - 3 January 2008
2 of 7


Similar Part No. - BAP50-02

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAP50-02 LRC-BAP50-02 Datasheet
104Kb / 2P
   General purpose PIN diode
logo
E-Tech Electronics LTD
BAP50-02 ETL-BAP50-02 Datasheet
164Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP50-02 PHILIPS-BAP50-02 Datasheet
63Kb / 8P
   General purpose PIN diode
Rev. 02-3 January 2008
BAP50-02 NXP-BAP50-02 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP50-02 NXP-BAP50-02 Datasheet
168Kb / 9P
   Silicon PIN diode
Rev. 3.1 - 8 February 2019
More results

Similar Description - BAP50-02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
   GENERAL PURPOSE PIN DIODE
2002 Feb 19
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
   General purpose PIN diode
2001 Jan 23
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
logo
Guangdong Kexin Industr...
KAP50-03 KEXIN-KAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP51-06W NXP-BAP51-06W Datasheet
57Kb / 8P
   General purpose PIN diode
Rev. 01-26 May 2008
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
   General purpose PIN diode
1999 Jun 28
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
   GENERAL PURPOSE PIN DIODE
logo
Quanzhou Jinmei Electro...
BAP51-04W_N_2015 JMNIC-BAP51-04W_N_2015 Datasheet
89Kb / 7P
   General purpose PIN diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com