Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC4245APW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC4245APW
Description  Octal dual supply translating transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC4245APW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC4245APW Datasheet HTML 4Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 5Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 6Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 7Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 8Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 9Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 10Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 11Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74LVC4245A_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 18 January 2008
8 of 17
NXP Semiconductors
74LVC4245A
Octal dual supply translating transceiver; 3-state
[1]
Typical values are measured at Tamb =25 °C, VCCA = 5.0 V, and VCCB = 2.7 V and 3.3 V respectively.
[2]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(C
L × VCC
2
× f
o) = sum of the outputs
11. AC waveforms
tsk(o)
output skew
time
[2]
-
-
1.0
-
1.5
ns
CPD
power
dissipation
capacitance
5 V port: Bn to An;
VI = GND to VCCA;
VCCA = 5.0 V
[3]
outputs enabled
-
-
17
-
-
-
pF
outputs disabled
-
-
5
-
-
-
pF
3 V port: An to Bn;
VI = GND to VCCB;
VCCB = 3.3 V
[3]
outputs enabled
-
-
17
-
-
-
pF
outputs disabled
-
-
5
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). VCCA = 4.5 V to 5.5 V; tr = tf ≤ 2.5 ns. For test circuit see Figure 8.
Symbol Parameter
Conditions
VCCB
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
Fig 5.
Supply operation area
1.5
2.7
5.7
Complies with TTL levels
3.9
0.9
mna454
3.9
2.1
4.5
5.1
3.3
1.5
2.1
2.7
3.3
3.6
1.2
1.8
2.4
3.0
VCCA (V)
VCCB
(V)
VCCA ≥ VCCB
Full operation


Similar Part No. - 74LVC4245APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC4245APW PHILIPS-74LVC4245APW Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
logo
Nexperia B.V. All right...
74LVC4245APW NEXPERIA-74LVC4245APW Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
74LVC4245APW-Q100 NEXPERIA-74LVC4245APW-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
More results

Similar Description - 74LVC4245APW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC4245A-Q100 NEXPERIA-74LVC4245A-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245A PHILIPS-74LVC4245A Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
logo
Nexperia B.V. All right...
74LVC4245A NEXPERIA-74LVC4245A Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com