Electronic Components Datasheet Search |
|
S-24CS02APH-TBH-G Datasheet(PDF) 9 Page - Seiko Instruments Inc |
|
S-24CS02APH-TBH-G Datasheet(HTML) 9 Page - Seiko Instruments Inc |
9 / 47 page 2-WIRE CMOS SERIAL E2PROM Rev.4.4_00 S-24CS01A/02A/04A/08A Seiko Instruments Inc. 9 Pin Functions 1. Address Input Pins (A0, A1 and A2) The slave address is assigned by connecting pins A0, A1 and A2 to the GND or to the VCC respectively. One of the eight different slave address can be assigned to the S-24CS01A/02A by the combination of pins A0, A1 and A2. The slave address is assigned by connecting pins A1 and A2 to the GND or to the VCC respectively. One of the four different slave address can be assigned to the S-24CS04A by the combination of pins A1 and A2. The slave address is assigned by connecting the A2 pin to the GND or to the VCC respectively. The two different slave address can be assigned to the S-24CS08A by A2 pin. The given slave address, which is compared with the slave address transmitted from the master device, is used to select the one among the multiple devices connected to the bus. The address input pin should be connected to the GND or to the VCC. 2. SDA (Serial Data Input / Output) Pin The SDA pin is used for bi-directional transmission of serial data. It consists of a signal input pin and an Nch open-drain output pin. The SDA line is usually pulled up to the VCC, and OR-wired with other open-drain or open-collector output devices. 3. SCL (Serial Clock Input) Pin The SCL pin is used for serial clock input. Since signals are processed at the rising or falling edge of the SCL clock input signal, attention should be paid to the rising time and falling time to conform to the specifications. 4. WP Pin The write protection is enabled by connecting the WP pin to the VCC. When there is no need for write protection, connect the pin to the GND. |
Similar Part No. - S-24CS02APH-TBH-G |
|
Similar Description - S-24CS02APH-TBH-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |