Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24CS02AFJ-TBH-G Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-24CS02AFJ-TBH-G
Description  2-WIRE CMOS SERIAL E2PROM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS02AFJ-TBH-G Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-24CS02AFJ-TBH-G Datasheet HTML 2Page - Seiko Instruments Inc S-24CS02AFJ-TBH-G Datasheet HTML 3Page - Seiko Instruments Inc S-24CS02AFJ-TBH-G Datasheet HTML 4Page - Seiko Instruments Inc S-24CS02AFJ-TBH-G Datasheet HTML 5Page - Seiko Instruments Inc S-24CS02AFJ-TBH-G Datasheet HTML 6Page - Seiko Instruments Inc S-24CS02AFJ-TBH-G Datasheet HTML 7Page - Seiko Instruments Inc S-24CS02AFJ-TBH-G Datasheet HTML 8Page - Seiko Instruments Inc S-24CS02AFJ-TBH-G Datasheet HTML 9Page - Seiko Instruments Inc S-24CS02AFJ-TBH-G Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
S-24CS01A/02A/04A/08A
Rev.4.4_00
Seiko Instruments Inc.
6
DC Electrical Characteristics
Table 9
−40 to +85°C
+85 to +105°C
VCC=4.5 to 5.5 V
f = 400 kHz
VCC=2.7 to 4.5 V
*1
f = 100 kHz
VCC=1.8 to 2.7 V
f = 100 kHz
VCC=4.5 to 5.5 V
f = 350 kHz
Item
Symbol Conditions
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Unit
Current
consumption
(READ)
ICC1
0.8
0.3
0.2
0.8
mA
Current
consumption
(WRITE)
ICC2
4.0
1.5
4.0
mA
*1. VCC=2.55 to 4.5 V in Write
Table 10
−40 to +85°C
+85 to +105°C
VCC=4.5 to 5.5 V VCC=2.55 to 4.5 V VCC=1.8 to 2.55 V VCC=4.5 to 5.5 V
Item
Symbol
Conditions
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Unit
Standby current
consumption
ISB
VIN
=VCC or GND   2.0   2.0   2.0   2.0 µA
Input leakage current
ILI
VIN
=GND to VCC
 0.1 1.0  0.1 1.0  0.1 1.0  0.1 1.0 µA
Output leakage current
ILO
VOUT
=GND to VCC  0.1 1.0  0.1 1.0  0.1 1.0  0.1 1.0 µA
IOL
=3.2 mA
  0.4 
 0.4  
 
 0.4
V
Low level output voltage
VOL
IOL
=1.5 mA
  0.3 
 0.3   0.5 
 0.3
V
Current address hold
voltage
VAH
1.5
 5.5 1.5  4.5 1.5  2.55 1.5  5.5
V


Similar Part No. - S-24CS02AFJ-TBH-G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-24CS02AH ABLIC-S-24CS02AH Datasheet
456Kb / 37P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.1_03
More results

Similar Description - S-24CS02AFJ-TBH-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-24CS64A SII-S-24CS64A Datasheet
488Kb / 44P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A SII-S-24CS16A Datasheet
628Kb / 53P
   2-WIRE CMOS SERIAL E2PROM
S-24C04BPHAL SII-S-24C04BPHAL Datasheet
353Kb / 38P
   2-WIRE CMOS SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S-24C02D SII-S-24C02D Datasheet
1Mb / 47P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C32C ABLIC-S-24C32C Datasheet
649Kb / 44P
   2-WIRE SERIAL E2PROM
Rev.4.0_03_H
S-24C256C ABLIC-S-24C256C Datasheet
496Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com