Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

523-2UYD Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 523-2UYD
Description  2.0*5.0mm Rectangle Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

523-2UYD Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  523-2UYD Datasheet HTML 1Page - Everlight Electronics Co., Ltd 523-2UYD Datasheet HTML 2Page - Everlight Electronics Co., Ltd 523-2UYD Datasheet HTML 3Page - Everlight Electronics Co., Ltd 523-2UYD Datasheet HTML 4Page - Everlight Electronics Co., Ltd 523-2UYD Datasheet HTML 5Page - Everlight Electronics Co., Ltd 523-2UYD Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data Sheet
2.0*5.0mm Rectangle Type LED Lamps
Package Dimensions
Notes: 1.All dimensions are in millimetres
2. An epoxy meniscus may extend about 1.5mm(0.059'') down to the lead.
3. Tolerances unless Dimension ±0.25mm.
█ Absolute Maximum Ratings at Ta = 25℃
Parameter
Symbol
Rating
Unit
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
ESD
2000
V
Soldering Temperature
Tsol
260 ± 5
Power Dissipation
Pd
60
mW
Peak Forward Current
IF(Peak)
160
mA
Reverse Voltage
VR
5V
Note: *1:IFP Conditions --Pulse Width ≦ 1msec and Duty ≦ 1/10.
*2:Soldering time ≦ 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //w//www.everlight.com
Rev.: 1
Page: 2 of 6
Device Number :
CDLE-052-143
Prepared date:
Prepared by:
Lan Feng
Electrostatic Discharge
2004/7/1
523-2UYD/S530-A3


Similar Part No. - 523-2UYD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
523-2UYD-S530-A3 EVERLIGHT-523-2UYD-S530-A3 Datasheet
140Kb / 7P
   2.0*5.0MM RECTANGLE TYPE LED LAMPS
523-2UYD-S530-A3 EVERLIGHT-523-2UYD-S530-A3_15 Datasheet
232Kb / 8P
   LAMP
More results

Similar Description - 523-2UYD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
514SYGT EVERLIGHT-514SYGT Datasheet
89Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SYGD EVERLIGHT-523-2SYGD Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523SURD-S530-A3 EVERLIGHT-523SURD-S530-A3 Datasheet
118Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523UYD-S530-A3 EVERLIGHT-523UYD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
513SYGD-S530-E2 EVERLIGHT-513SYGD-S530-E2 Datasheet
91Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3_15 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SURD-S530-A3 EVERLIGHT-523-2SURD-S530-A3_15 Datasheet
105Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523SYGD-S530-E2-P3 EVERLIGHT-523SYGD-S530-E2-P3_15 Datasheet
102Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
514SURD EVERLIGHT-514SURD Datasheet
93Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD EVERLIGHT-523-2SDRD Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com