Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9507DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9507DP
Description  2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9507DP Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9507DP Datasheet HTML 1Page - NXP Semiconductors PCA9507DP Datasheet HTML 2Page - NXP Semiconductors PCA9507DP Datasheet HTML 3Page - NXP Semiconductors PCA9507DP Datasheet HTML 4Page - NXP Semiconductors PCA9507DP Datasheet HTML 5Page - NXP Semiconductors PCA9507DP Datasheet HTML 6Page - NXP Semiconductors PCA9507DP Datasheet HTML 7Page - NXP Semiconductors PCA9507DP Datasheet HTML 8Page - NXP Semiconductors PCA9507DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PCA9507_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2008
2 of 20
NXP Semiconductors
PCA9507
2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
I I2C-bus, SMBus and DDC-bus compatible
I Active HIGH buffer enable input
I Open-drain input/outputs
I Lock-up free operation
I Supports arbitration and clock stretching across the repeater
I Accommodates Standard-mode and Fast-mode I2C-bus devices and multiple masters
I Powered-off high-impedance I2C-bus pins
I Port A operating supply voltage range of 2.7 V to 5.5 V
I Port B operating supply voltage range of 2.7 V to 5.5 V
I 5 V tolerant I2C-bus and enable pins
I 0 Hz to 400 kHz clock frequency (the maximum system operating frequency may be
less than 400 kHz because of the delays added by the repeater)
I ESD protection exceeds 5000 V HBM per JESD22-A114, 400 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: SO8 and TSSOP8
3.
Ordering information
[1]
Also known as MSOP8.
4.
Functional diagram
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9507D
PCA9507
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
PCA9507DP
9507
TSSOP8[1] plastic thin shrink small outline package;
8 leads; body width 3 mm
SOT505-1
Fig 1.
Functional diagram of PCA9507
002aad401
PCA9507
SDAA
SCLA
EN
SDAB
SCLB
VCC(A)
VCC(B)
GND
VCC(B)
100 k
VCC(A)
DYNAMIC
PULL-UP
VCC(A)
DYNAMIC
PULL-UP


Similar Part No. - PCA9507DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9507 NXP-PCA9507 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9507DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9527 NXP-PCA9527 Datasheet
146Kb / 22P
   3-channel bidirectional bus extender for HDMI, I2C-bus and SMBus
Rev. 01-29 June 2009
logo
Maxim Integrated Produc...
MAX3816A MAXIM-MAX3816A Datasheet
349Kb / 18P
   I2C 2-Wire Extender for DDC in DVI, HDMI, and VGA Interfaces
19-4109; Rev 0; 7/08
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
logo
NXP Semiconductors
82B715 PHILIPS-82B715 Datasheet
96Kb / 10P
   I2C bus extender
1998 Jan 09
P82B715TD-T NXP-P82B715TD-T Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
logo
Texas Instruments
P82B715 TI-P82B715 Datasheet
642Kb / 17P
[Old version datasheet]   I2C BUS EXTENDER
logo
NXP Semiconductors
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
logo
Rohm
BU9883FV-W ROHM-BU9883FV-W Datasheet
630Kb / 19P
   I2C BUS 3Ports for HDMI Port Serial EEPROM
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com