Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0L5UY Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD5V0L5UY
Description  Low capacitance unidirectional fivefold ESD protection diode arrays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0L5UY Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD5V0L5UY Datasheet HTML 1Page - NXP Semiconductors PESD5V0L5UY Datasheet HTML 2Page - NXP Semiconductors PESD5V0L5UY Datasheet HTML 3Page - NXP Semiconductors PESD5V0L5UY Datasheet HTML 4Page - NXP Semiconductors PESD5V0L5UY Datasheet HTML 5Page - NXP Semiconductors PESD5V0L5UY Datasheet HTML 6Page - NXP Semiconductors PESD5V0L5UY Datasheet HTML 7Page - NXP Semiconductors PESD5V0L5UY Datasheet HTML 8Page - NXP Semiconductors PESD5V0L5UY Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PESDXL5UF_V_Y_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 8 January 2008
2 of 17
NXP Semiconductors
PESDxL5UF/V/Y
Low capacitance unidirectional fivefold ESD protection diode arrays
1.4 Quick reference data
2.
Pinning information
Table 2.
Quick reference data
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
PESD3V3L5UF
PESD3V3L5UV
PESD3V3L5UY
-
-
3.3
V
PESD5V0L5UF
PESD5V0L5UV
PESD5V0L5UY
-
-
5.0
V
Cd
diode capacitance
f = 1 MHz; VR =0V
PESD3V3L5UF
PESD3V3L5UV
PESD3V3L5UY
-
2228pF
PESD5V0L5UF
PESD5V0L5UV
PESD5V0L5UY
-
1619pF
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
PESD3V3L5UF; PESD5V0L5UF
1
cathode (diode 1)
2
common anode
3
cathode (diode 2)
4
cathode (diode 3)
5
cathode (diode 4)
6
cathode (diode 5)
PESD3V3L5UV; PESD5V0L5UV
1
cathode (diode 1)
2
common anode
3
cathode (diode 2)
4
cathode (diode 3)
5
cathode (diode 4)
6
cathode (diode 5)
bottom view
3
2
1
4
5
6
6
1
5
2
4
3
006aaa159
12
3
4
5
6
6
1
5
2
4
3
006aaa159


Similar Part No. - PESD5V0L5UY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L5UY PHILIPS-PESD5V0L5UY Datasheet
87Kb / 11P
   Low capacitance 5-fold ESD protection diode arrays in SOT363 package
2004 Mar 23
logo
Shanghai Leiditech Elec...
PESD5V0L5UY LEIDITECH-PESD5V0L5UY Datasheet
334Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
logo
Nexperia B.V. All right...
PESD5V0L5UY NEXPERIA-PESD5V0L5UY Datasheet
655Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02 - 8 January 2008
logo
Guangdong Youtai Semico...
PESD5V0L5UY UMW-PESD5V0L5UY Datasheet
360Kb / 7P
   ESD protection of up to five lines
More results

Similar Description - PESD5V0L5UY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L5UK PHILIPS-PESD5V0L5UK Datasheet
462Kb / 15P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1-25 August 2010
logo
Nexperia B.V. All right...
PESDXL5UF NEXPERIA-PESDXL5UF Datasheet
655Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02 - 8 January 2008
PESD3V3L5UK NEXPERIA-PESD3V3L5UK Datasheet
462Kb / 15P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXL5UF PHILIPS-PESDXL5UF Datasheet
112Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode capacitance unidirectional fivefold ESD protection diode
Rev. 02-8 January 2008
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Nexperia B.V. All right...
PESDXS5UD_SER NEXPERIA-PESDXS5UD_SER Datasheet
664Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
logo
NXP Semiconductors
PESDXS5UD NXP-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Diodes Incorporated
DESD24VS5U6SOQ DIODES-DESD24VS5U6SOQ Datasheet
433Kb / 5P
   FIVEFOLD ESD PROTECTION DIODE ARRAYS
July 2020 Rev.1 - 2
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com